Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


TVP5040 Datasheet(PDF) 6 Page - Texas Instruments

Part No. TVP5040
Description  NTSC/PAL Digital Video Decoder With Macrovision Detection
Download  106 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

 6 page
background image
vi
2.13.69
VIP Program RAM Read
2–77
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
2.13.70
Parallel Host Interface Teletext FIFO
2–77
. . . . . . . . . . . . . . . . . .
2.13.71
Parallel Host Interface Status/Interrupt A
2–78
. . . . . . . . . . . . . . .
3
Electrical Specifications
3–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.1
Absolute Maximum Ratings
3–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.2
Recommended Operating Conditions
3–1
. . . . . . . . . . . . . . . . . . . . . . . . . .
3.2.1
Crystal Specifications
3–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.3
Electrical Characteristics Over Recommended Voltage and
Temperature Ranges, DVDD = 3.3 V, AVDD = 3.3 V, TA = 70°C3–1
. . . .
3.3.1
DC Electrical Characteristics
3–1
. . . . . . . . . . . . . . . . . . . . . . . . .
3.3.2
Analog Processing and A/D Converters
3–2
. . . . . . . . . . . . . . . .
3.4
Timing
3–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.4.1
Clocks, Video Data, and Sync Timing
3–2
. . . . . . . . . . . . . . . . . .
3.4.2
I2C Host Port Timing
3–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.4.3
VIP Host Port Timing
3–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.4.4
Parallel Host Interface A
3–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.4.5
Parallel Host Interface B
3–5
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
3.4.6
Parallel Host Interface C
3–6
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4
Application Information
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.1
Microcode Download
4–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.1.1
Timing Requirement for Start of Download
4–1
. . . . . . . . . . . . .
4.1.2
General Microcode Download Procedure
4–1
. . . . . . . . . . . . . .
4.1.3
Microprocessor Restart Operation
4–1
. . . . . . . . . . . . . . . . . . . .
4.1.4
Microcode Data File
4–2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.1.5
Default Values
4–3
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
4.2
Designing With PowerPAD
4–4
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
5
Mechanical Data
5–1
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TVP5146NTSC/PAL / SECAM 4 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPBPR/RGB INPUTS 5 LINE COMB FILTER AND SCART SUPPORT 1 2 3 4 5 MoreTexas Instruments
TVP5147M1PFPNTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION YPbPr INPUTS AND 5-LINE COMB FILTER 1 2 3 4 5 MoreTexas Instruments
TVP5145PFPNTSC/PAL SECAM COMPONENT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION 1 2 3 4 5 MoreTexas Instruments
TVP5147PFPNTSC/PPAL SECAM 2 X 10 BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION INPUT AND 5 LINE COMB FILTER 1 2 3 4 5 MoreTexas Instruments
TVP5146PFPNTSC/PAL SECAM 4X10 BIT DIGITAL VIDEO DECODER WITH MACROVISION 1 2 3 4 5 MoreTexas Instruments
STV2310Multistandard TV Digital Video Decoder with Adaptive Comb Filter and RGB/YCrCb Input 1 2 3 STMicroelectronics
SAA7327Digital servo processor and Compact Disc decoder with integrated DAC for video CD CD7 II 1 2 3 4 5 MoreNXP Semiconductors
SAA7151BDigital multistandard colour decoder with SCART interface DMSD2-SCART 1 2 3 4 5 MoreNXP Semiconductors
TMC22X5YAMultistandard Digital Video Decoder Three-Line Adaptive Comb Decoder Family 8 & 10 bit 1 2 3 4 5 MoreFairchild Semiconductor
AK8850NTSC Digital Video Decoder 1 2 3 4 5 MoreAsahi Kasei Microsystems

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl