Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5655F1 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5655F1
Description  T-1 Right Angle LED Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5655F1 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5655F1 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5655 Series T-1 Right Angle LED Assembly
1-150
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
EL EC TR O- OP TIC AL C H ARAC T E R I S T I C S A N D RAT I N G S
585
562
603
650
3.0
3.0
3.0
3.0
2.1
2.2
2.2
2.0
5
5
5
5
30
30
30
30
Yellow
Green
Amber
Red
(V )
Max.
(V )
Typ.
Continuous
Forward
Current Max.
(mA)
Revers e
Breakdown
Voltage Min.
(V )
(nm)
Wavelength
Peak
Forward V oltage
Emitted
Color
Part Number
5655F 1
5655F 3
5655F 5
5655F 7
Typical
Intens ity
(mcd)
10
7
16
6.3
10
10
10
10
Rated
Current
(mA)
18.4/22.6
+/-.3
12.7
+1 -.5
18
PAR T T O T APE
HOLE P IT C H
TAP E W IDT H
3
2
1
TOL.
DIM.(mm)
DE S C R IP T ION
NUMB E R
All dimens ions in inches .
Features
•Tape and reel for automatic assembly to PC boards-meets EIA STD RS-468.
•T-1 size lamp-preassembled into plastic block, height and spacing alignment saves assembly time/cost.
•High contrast ratio.
•Standoffs prevent flux entrapments.
•Standard reel quantity 750 pcs.
Housing: Black plastic, meets UL 94V-O
Note: Alternate LEDs are also available in this package as a standard variation.
Ø 13" R E F .
SEE # 2
SEE # 3
SEE # 1
.550
1.500
SEE # 4
4
CE N. T O CE N. P OS IT ION
6.3
+/-1.3
ANODE(+)
.180
RE F .
.100
RE F .
.200
.290
.700 R E F .
.115±.015
.190
.160
TY P .
.018 S Q.
(+)
ANODE
R EEL


Similar Part No. - 5655F1

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5655F1 VCC-5655F1 Datasheet
85Kb / 1P
   T-1 Right Angle LED Assembly
More results

Similar Description - 5655F1

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5600 VCC-5600 Datasheet
94Kb / 1P
   T-1 Right Angle LED Assembly
5608 VCC-5608 Datasheet
75Kb / 1P
   T-1 Right Angle LED Assembly
5320 VCC-5320 Datasheet
86Kb / 1P
   T-1 Right Angle LED Assembly
logo
Chicago Miniature Lamp,...
5323 CML-5323 Datasheet
66Kb / 1P
   T-1 Right Angle LED Assembly
5322F1 CML-5322F1 Datasheet
28Kb / 1P
   T-1 Right Angle LED Assembly
5600F1 CML-5600F1 Datasheet
23Kb / 1P
   T-1 Right Angle LED Assembly
5650F1 CML-5650F1 Datasheet
25Kb / 1P
   T-1 Right Angle LED Assembly
logo
Visual Communications C...
5650 VCC-5650 Datasheet
83Kb / 1P
   T-1 Right Angle LED Assembly
5323 VCC-5323 Datasheet
82Kb / 1P
   T-1 Right Angle LED Assembly
5655 VCC-5655 Datasheet
85Kb / 1P
   T-1 Right Angle LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com