Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TL99-0650-012 Datasheet(PDF) 1 Page - DB Lectro Inc

Part # TL99-0650-012
Description  TOROIDAL TRANSFORMER PCB MOUNTING LOW PROFILE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

TL99-0650-012 Datasheet(HTML) 1 Page - DB Lectro Inc

  TL99-0650-012 Datasheet HTML 1Page - DB Lectro Inc TL99-0650-012 Datasheet HTML 2Page - DB Lectro Inc TL99-0650-012 Datasheet HTML 3Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TOROIDAL TRANSFORMER
PCB MOUNTING
LOW PROFILE
SEC 2
SEC 1
PRI 2
#6
PRI 1
#3
#4
#5
#11
#12
#13
#14
TL99 Series
Low magnetic stray field emissions
Low standby current
Low profile
Magnetic shielded
Fully encapsulated
High efficiency
High ambient operating temperature (+60°C
maximum)
Power – 1.6VA to 85VA
Primary – Dual primary (115V/230V 50/60Hz)
Secondary – Series or parallel
Dielectric Strength – 4000Vrms
Insulation Class – Class F (155°C)
Safety Approved – UL506, CUL C22.2 #66-1988,
UL1411, CUL C22.2 #1-98, TUV / EN60950 /
EN60065 / CE
11
12
17
18
13
14
C
D
3
E
1
2
F
16 15
5
B
4
6
78
A
9 10
12
11
14
13
18
17
3
H
H
I
2
1
G
15
H
16
I
H
4
5
6
7
8
H
H
10
9
H
H
G
H
H
Dimensions (mm)
Product
Series
A
B
C
D
E
F
G
H
I
1.6 (VA)
40.0
40.0
18.5
4.0
SQ0.64
φ3.5
35.56
5.08
2.54
3.2 (VA)
45.0
45.0
19.5
4.0
SQ0.64
φ3.5
40.64
5.08
2.54
5.0 (VA)
50.0
50.0
19.5
4.0
SQ0.64
φ3.5
45.72
5.08
2.54
7.0 (VA)
50.0
50.0
23.1
4.0
SQ0.64
φ3.5
45.72
5.08
2.54
10 (VA)
56.0
56.0
26.0
4.0
SQ0.8
φ3.5
50.80
5.08
2.54
15 (VA)
61.0
61.0
26.3
4.0
SQ0.8
φ3.5
55.88
5.08
2.54
25 (VA)
61.0
61.0
37.5
4.0
SQ0.8
φ3.5
55.88
5.08
2.54
35 (VA)
75.0
75.0
37.5
4.0
SQ0.8
φ6.0
66.04
5.08
2.54
50 (VA)
82.4
82.4
37.5
4.0
SQ1.0
φ6.0
76.02
5.08
2.54
65 (VA)
92.0
92.0
39.0
4.0
SQ1.0
φ7.0
83.82
5.08
2.54
85 (VA)
100.0
100.0
42.0
4.0
SQ1.0
φ7.0
91.44
5.08
2.54
Note:
1) Unused pins are omitted for standard parts. Unused pins can be provided on request.
2) Pin positions #1, 8, 9, 16,17 & 18 are invalid for the 1.6VA series.
3) 1.6VA to 25VA series – blind center hole; 35VA to 85VA series – through center hole.
3600 boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com
DB LECTRO Inc.


Similar Part No. - TL99-0650-012

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TL9 TIMOTION-TL9 Datasheet
689Kb / 6P
   Max. load 800N (push)
20200303-F
logo
3M Electronics
TL90 3M-TL90 Datasheet
21Kb / 4P
   Threadlocker Anaerobic Adhesives
TL90 3M-TL90 Datasheet
363Kb / 6P
   Scotch-WeldTM Threadlocker Anaerobic Adhesives
November 2016
logo
Extech Instruments Corp...
TL900 EXTECH-TL900 Datasheet
310Kb / 1P
   SafeSense CAT IV Fused Test Leads
logo
E-SWITCH
TL9000 E-SWITCH-TL9000 Datasheet
106Kb / 1P
   TACT SWITCHES - SOFT TOUCH
More results

Similar Description - TL99-0650-012

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
PTC10 YHDC-PTC10 Datasheet
5Mb / 1P
   PCB toroidal transformer
PTC15 YHDC-PTC15 Datasheet
1Mb / 1P
   PCB toroidal transformer
PTC7 YHDC-PTC7 Datasheet
1Mb / 1P
   PCB toroidal transformer
PTC3.2 YHDC-PTC3.2 Datasheet
895Kb / 1P
   PCB toroidal transformer
PTC5 YHDC-PTC5 Datasheet
1Mb / 1P
   PCB toroidal transformer
PTC25 YHDC-PTC25 Datasheet
7Mb / 1P
   PCB toroidal transformer
PTC50 YHDC-PTC50 Datasheet
1Mb / 1P
   PCB toroidal transformer
PTC35 YHDC-PTC35 Datasheet
1Mb / 1P
   PCB toroidal transformer
logo
PREMO CORPORATION S.L
X-0650-249 PREMO-X-0650-249 Datasheet
268Kb / 2P
   Toroidal Transformer
logo
DB Lectro Inc
TL35-0016-012 DBLECTRO-TL35-0016-012 Datasheet
196Kb / 5P
   TOROIDAL TRANSFORMER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com