Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5602F1-5V Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 5602F1-5V
Description  T-1 Right Angle LED Assembly
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

5602F1-5V Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  5602F1-5V Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
5600 Series T-1 Right Angle LED Assembly
1-147
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
EL EC TR O- OP TIC AL C H ARAC T E R I S T I C S A N D RAT I N G S
Part
Number
Color
Typ.
Intensity
(mcd)
Rated
Current
(mA)
Continuous
Forward
Current Max.
(mA)
Forward
Voltage Typ.
(V)
Forward
Voltage Max.
(V)
Reverse
Break-down
VoltageMin.
(V)
Peak
Wavelength
(nm)
5600F1
5600F3
5600F5
5600F7
5600F1LC
5600F5LC
5600F7LC
5602F1-5V
5602F3-5V
5602F5-5V
Red
Amber
Green
Yellow
Red
Green
Yellow
Red
Amber
Green
10
7
16
6.3
2.5
2.1
1.8
8.0
8.0
8.0
10
10
10
10
2.0
1.0
2.0
10
10
10
30
30
30
30
7
7
7
20
15
15
2.0
2.2
2.2
2.1
1.8
1.8
1.9
5
5
5
3.0
3.0
3.0
3.0
2.2
2.2
2.7
7.5
7.5
7.5
5
5
5
5
5
5
5
5
5
5
650
603
562
585
635
565
583
655
583
565
Features
•Small T-1 size lamp preassembled into Nylon plastic block.
•Height and spacing alignment, saves assembly cost.
•Super Brite and High Brite LEDs.
•High light output - diffused lens.
•High contrast ratio.
•Low current-only 2 mA.
•Built-in resistor chip operates off 5 volt supply without external resistor.
•Standoffs prevent flux entrapment.
Housing: Black Nylon, UL94V-O
Note: Alternate LEDs are also available in this package as a standard variation.
GR EEN F OR B I-C OLOR LED
CAT HODE (-)
UL94-V 0
BLAC K T HE R MOP LAS T IC
HOUS ING :
SEE S P E C . T AB LE
LE D T -1 S IZE
4.80/4.10
3.00
1.30
5.30
3.00/2.30
+
0.50
2.50
4.10
0.50 S T AND-OF F
6.40
All dimensions in mm.


Similar Part No. - 5602F1-5V

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5602F1-5V VCC-5602F1-5V Datasheet
94Kb / 1P
   T-1 Right Angle LED Assembly
More results

Similar Description - 5602F1-5V

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
5600 VCC-5600 Datasheet
94Kb / 1P
   T-1 Right Angle LED Assembly
5608 VCC-5608 Datasheet
75Kb / 1P
   T-1 Right Angle LED Assembly
logo
Chicago Miniature Lamp,...
5655F1 CML-5655F1 Datasheet
26Kb / 1P
   T-1 Right Angle LED Assembly
logo
Visual Communications C...
5320 VCC-5320 Datasheet
86Kb / 1P
   T-1 Right Angle LED Assembly
logo
Chicago Miniature Lamp,...
5323 CML-5323 Datasheet
66Kb / 1P
   T-1 Right Angle LED Assembly
5322F1 CML-5322F1 Datasheet
28Kb / 1P
   T-1 Right Angle LED Assembly
5650F1 CML-5650F1 Datasheet
25Kb / 1P
   T-1 Right Angle LED Assembly
logo
Visual Communications C...
5650 VCC-5650 Datasheet
83Kb / 1P
   T-1 Right Angle LED Assembly
5323 VCC-5323 Datasheet
82Kb / 1P
   T-1 Right Angle LED Assembly
5655 VCC-5655 Datasheet
85Kb / 1P
   T-1 Right Angle LED Assembly
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com