Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

752091101GTR Datasheet(PDF) 2 Page - CTS Corporation

Part # 752091101GTR
Description  Surface Mount
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

752091101GTR Datasheet(HTML) 2 Page - CTS Corporation

  752091101GTR Datasheet HTML 1Page - CTS Corporation 752091101GTR Datasheet HTML 2Page - CTS Corporation 752091101GTR Datasheet HTML 3Page - CTS Corporation 752091101GTR Datasheet HTML 4Page - CTS Corporation 752091101GTR Datasheet HTML 5Page - CTS Corporation 752091101GTR Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
How to Order
Series GTL & ECL Products
NOTE: No dashes or spaces to appear in part number.
Example: 75324G101GTR
See page 33 for part marking information.
20
CTS Resistor/Electrocomponents s 406 Parr Road s Berne, IN s 46711 s fax: (219) 589-3243 s www.ctscorp.com s 75XB
21
CTS Resistor/Electrocomponents s 406 Parr Road s Berne, IN s 46711 s fax: (219) 589-3243 s www.ctscorp.com s 75XB
ECL Standard Resistance Values
R1
R2
Thev
Code
81
130
50
500A
120
200
75
750B
162
260
100
101B
220
270
121
121B
180
390
123
121A
220
330
130
131A
330
390
180
181A
330
470
190
191A
1
R = Terminator Resistance Value/2
23
4
RR
0.5nH
0.5nH
0.5nH
0.08pF
0.08pF
0.6nH
0.1pF
R
R
0.08pF
RR
0.2nH
0.2nH
0.6nH
0.2nH
0.1pF
0.1pF
12
3
4
Series 752
Series 753
Resistor Code
3 digit EIA
Tolerance
J = ±5%
G = ±2% (standard)
F = ±1% or .5
Termination
G=GTL
E=ECL
# Pads
24 (GTL)
12 (ECL)
High Speed Digital Termination Networks
• Low inductance leadless construction
• Excellent high frequency response
• Very low crosstalk
• High power dissipation versus board space
• Spice models available for circuit simulation
• Solder-coated nickel barrier pads
• Tape & reel packaging per EIA 481
• Designed to work with standard automated
surface mount pick & place solder processes
Resistance Tolerance:
Standard ±2% or 0.5
Ω (whichever is greater)
Special: ±1%
Temperature Coefficient (TCR):
Standard: ±200PPM/°C
Operating Temperature Range:
-55°C to +125°C
R18
R17 R16 R15
R14 R13 R12
R11 R10
24
13
R1
R2
R3
R4
R5
1
R6
R7
R8
R9
12
R1
1
R2
12
Spice Equivalent Circuit
GTL Termination
ECL Termination
GTL Standard Resistance Values
Value
Code
Value
Code
39
390
100
101
47
470
110
111
50
500
120
121
51
510
150
151
56
560
180
181
62
620
220
221
68
680
270
271
75
750
330
331
82
820
Standard Product Offering
Termination
CTS
Rated Package
Resistor
Term.
Term.
Type
Series#
Power @25°C
Power @25°C
Pitch
Lines
GTL (parallel)
753
0.82W
0.06W
0.025”
18
752
2.0W
0.08W
0.050”
ECL (Thevenin)
753
0.82W
0.06W
0.025”
8
752
2.0W
0.08W
0.050”
Apply
Spice
Measured
Spice
Measured
250mV
Result
Result
Result
Result
1nS
1nS
28pS
28pS
Apply P1
View P2
4.4mV
4.5mV
48mV
34mV
View P4
3.1mV
3.0mV
28mV
22mV
Apply P2
View P1
4.4mV
5.0mV
55mV
34mV
View P4
3.0mV
2.4mV
30mV
16mV
Apply P4
View P1
3.1mV
3.0mV
30mV
22mV
View P4
3.0mV
2.6mV
30mV
16mV
GTL & ECL T e r minator s-Ser ies 752 & 753
Testing based on TDR pulse using a Tektronix 11802 digitizing
scope. 28ps pulse applied, 1ns filter applied on 1ns measurement.
Terminator value tested = 50
Ω.
See pages 16-19 for physical dimensions, power rating and
other 752 & 753 information.
See page 19 for available value codes
See page 32 for available
value & CTS codes
753
24
G
101
G
TR
Packaging -
TR - Tape & Reel
B - Bulk
(see page 36)


Similar Part No. - 752091101GTR

ManufacturerPart #DatasheetDescription
logo
Mill-Max Mfg. Corp.
7520 MILL-MAX-7520 Datasheet
322Kb / 1P
   PIN RECEPTACLES
logo
FIBOX Enclosing innovat...
7520031 FIBOX-7520031 Datasheet
81Kb / 2P
   Enclosure, PC
19.01.2023
7520032 FIBOX-7520032 Datasheet
454Kb / 2P
   Enclosure, PC
19.01.2023
7520080 FIBOX-7520080 Datasheet
454Kb / 2P
   Enclosure, PC
19.01.2023
7520081 FIBOX-7520081 Datasheet
79Kb / 2P
   Enclosure, PC
19.01.2023
More results

Similar Description - 752091101GTR

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
S1A CTC-S1A Datasheet
51Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
EIC discrete Semiconduc...
MBRA140T3G EIC-MBRA140T3G Datasheet
99Kb / 2P
   SURFACE MOUNT SURFACE MOUNT
logo
Littelfuse
0452.500MRL LITTELFUSE-0452.500MRL Datasheet
190Kb / 3P
   Surface Mount Fuses Surface Mount Fuses
0448001.MR LITTELFUSE-0448001.MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
logo
YAGEO Corporation
CC0402JRNPO9BN220 YAGEO-CC0402JRNPO9BN220 Datasheet
360Kb / 14P
   SURFACE-MOUNT CERAMIC SURFACE-MOUNT CERAMIC
logo
Littelfuse
044801.6MR LITTELFUSE-044801.6MR Datasheet
289Kb / 4P
   Surface Mount Fuses Surface Mount Fuses
455 LITTELFUSE-455 Datasheet
61Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
465 LITTELFUSE-465 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
045101.5NR LITTELFUSE-045101.5NR Datasheet
1Mb / 4P
   Surface Mount Fuses Surface Mount Fuses
464 LITTELFUSE-464 Datasheet
56Kb / 1P
   Surface Mount Fuses - Subminiature Surface Mount
logo
Microsemi Corporation
MLL14KESD50-1 MICROSEMI-MLL14KESD50-1 Datasheet
119Kb / 2P
   SURFACE MOUNT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com