Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F50728N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # N74F50728N
Description  Synchronizing cascaded dual positive edge-triggered D-type flip-flop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F50728N Datasheet(HTML) 2 Page - NXP Semiconductors

  N74F50728N Datasheet HTML 1Page - NXP Semiconductors N74F50728N Datasheet HTML 2Page - NXP Semiconductors N74F50728N Datasheet HTML 3Page - NXP Semiconductors N74F50728N Datasheet HTML 4Page - NXP Semiconductors N74F50728N Datasheet HTML 5Page - NXP Semiconductors N74F50728N Datasheet HTML 6Page - NXP Semiconductors N74F50728N Datasheet HTML 7Page - NXP Semiconductors N74F50728N Datasheet HTML 8Page - NXP Semiconductors N74F50728N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74F50728
Synchronizing cascaded dual positive
edge-triggered D-type flip-flop
2
September 14, 1990
853-1389 00421
FEATURES
Metastable immune characteristics
Output skew less than 1.5ns
See 74F5074 for synchronizing dual D-type flip-flop
See 74F50109 for synchronizing dual J–K positive edge-triggered
flip-flop
See 74F50729 for synchronizing dual dual D-type flip-flop with
edge-triggered set and reset
Industrial temperature range available (–40°C to +85°C)
DESCRIPTION
The 74F50728 is a cascaded dual positive edge–triggered D–type
featuring individual data, clock, set and reset inputs; also true and
complementary outputs.
Set (SDn) and reset (RDn) are asynchronous active low inputs and
operate independently of the clock (CPn) input. They set and reset
both flip–flops of a cascaded pair simultaneously. Data must be
stable just one setup time prior to the low–to–high transition of the
clock for guaranteed propagation delays.
Clock triggering occurs at a voltage level and is not directly related
to the transition time of the positive–going pulse. Following the hold
time interval, data at the Dn input may be changed without affecting
the levels of the output. Data entering the 74F50728 requires two
clock cycles to arrive at the outputs.
The 74F50728 is designed so that the outputs can never display a
metastable state due to setup and hold time violations. If setup time
and hold time are violated the propagation delays may be extended
beyond the specifications but the outputs will not glitch or display a
metastable state. Typical metastability parameters for the 74F50728
are:
τ ≅ 135ps and T0 ≅ 9.8 X 106 sec where τ represents a
function of the rate at which a latch in a metastable state resolves
that condition and To represents a function of the measurement of
the propensity of a latch to enter a metastable state.
TYPE
TYPICAL fmax
TYPICAL SUPPLY
CURRENT (TOTAL)
74F50728
145 MHz
23mA
ORDERING INFORMATION
ORDER CODE
COMMERCIAL RANGE
INDUSTRIAL RANGE
DESCRIPTION
VCC = 5V ±10%,
VCC = 5V ±10%,
PKG DWG #
Tamb = 0°C to +70°C
Tamb = –40°C to +85°C
14–pin plastic DIP
N74F50728N
I74F50728N
SOT27-1
14–pin plastic SO
N74F50728D
I74F50728D
SOT108-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/
LOW
LOAD VALUE HIGH/
LOW
D0, D1
Data inputs
1.0/0.417
20
µA/250µA
CP0, CP1
Clock inputs (active rising edge)
1.0/1.0
20
µA/20µA
SD0, SD1
Set inputs (active low)
1.0/1.0
20
µA/20µA
RD0, RD1
Reset inputs (active low)
1.0/1.0
20
µA/20µA
Q0, Q1, Q0, Q1
Data outputs
50/33
1.0mA/20mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the high state and 0.6mA in the low state.


Similar Part No. - N74F50728N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F50729D PHILIPS-N74F50729D Datasheet
94Kb / 12P
   Synchronizing dual D-type flip-flop with edge-triggered set and reset with metastable immune characteristics
1990 Sep 14
N74F50729N PHILIPS-N74F50729N Datasheet
94Kb / 12P
   Synchronizing dual D-type flip-flop with edge-triggered set and reset with metastable immune characteristics
1990 Sep 14
More results

Similar Description - N74F50728N

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
   DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
logo
Unisonic Technologies
U74AC74 UTC-U74AC74_15 Datasheet
170Kb / 6P
   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com