Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSOP2233SL1 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # TSOP2233SL1
Description  IR Receiver Modules for Remote Control Systems
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSOP2233SL1 Datasheet(HTML) 2 Page - Vishay Siliconix

  TSOP2233SL1 Datasheet HTML 1Page - Vishay Siliconix TSOP2233SL1 Datasheet HTML 2Page - Vishay Siliconix TSOP2233SL1 Datasheet HTML 3Page - Vishay Siliconix TSOP2233SL1 Datasheet HTML 4Page - Vishay Siliconix TSOP2233SL1 Datasheet HTML 5Page - Vishay Siliconix TSOP2233SL1 Datasheet HTML 6Page - Vishay Siliconix TSOP2233SL1 Datasheet HTML 7Page - Vishay Siliconix TSOP2233SL1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
2
Document Number 82197
Rev. 1.2, 31-Jan-05
TSOP22..SL1
Vishay Semiconductors
Absolute Maximum Ratings
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Electrical and Optical Characteristics
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Supply Voltage
(Pin 2)
VS
- 0.3 to + 6.0
V
Supply Current
(Pin 2)
IS
5mA
Output Voltage
(Pin 1)
VO
- 0.3 to + 6.0
V
Output Current
(Pin 1)
IO
5mA
Junction Temperature
Tj
100
°C
Storage Temperature Range
Tstg
- 25 to + 85
°C
Operating Temperature Range
Tamb
- 25 to + 85
°C
Power Consumption
(Tamb ≤ 85 °C)
Ptot
50
mW
Soldering Temperature
t
≤ 10 s, 1 mm from case
Tsd
260
°C
Parameter
Test condition
Symbol
Min
Typ.
Max
Unit
Supply Current (Pin 2)
VS = 5 V, Ev = 0
ISD
0.8
1.2
1.5
mA
VS = 5 V, Ev = 40 klx, sunlight
ISH
1.5
mA
Supply Voltage (Pin 2)
VS
4.5
5.5
V
Transmission Distance
Ev = 0, test signal see fig.1,
IR diode TSAL6200,
IF = 250 mA
d35
m
Output Voltage Low (Pin 1)
IOL = 0.5 mA, Ee = 0.7 mW/m
2,
f = fo
VOL
250
mV
Minimum Irradiance
(30 - 40 kHz)
Pulse width tolerance:
tpi - 5/fo < tpo < tpi + 6/fo,
test signal see fig.1
Ee min
0.2
0.4
mW/m2
Minimum Irradiance (56 kHz)
Pulse width tolerance:
tpi -5/fo < tpo < tpi +6/fo,
test signal see fig.1
Ee min
0.3
0.5
mW/m2
Maximum Irradiance
tpi - 5/fo < tpo < tpi + 6/fo
Ee max
30
W/m2
Directivity
Angle of half transmission
distance
ϕ
1/2
± 45
deg


Similar Part No. - TSOP2233SL1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP2233SA1 VISHAY-TSOP2233SA1 Datasheet
245Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 1, 06-Aug-03
More results

Similar Description - TSOP2233SL1

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TSOP1330SB1 VISHAY-TSOP1330SB1 Datasheet
233Kb / 7P
   IR Receiver Modules for Remote Control Systems
Rev. 6, 15-Oct-2002
TSOP61 VISHAY-TSOP61 Datasheet
648Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP331 VISHAY-TSOP331 Datasheet
490Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP361 VISHAY-TSOP361 Datasheet
654Kb / 26P
   IR Receiver Modules for Remote Control Systems
Rev. 1.3, 22-Jul-16
TSOP53230 VISHAY-TSOP53230 Datasheet
479Kb / 22P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 22-Jul-16
TSOP77P38 VISHAY-TSOP77P38 Datasheet
278Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.0, 13-Mar-12
TSOP352 VISHAY-TSOP352 Datasheet
323Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 03-Sep-13
TSOP773 VISHAY-TSOP773 Datasheet
297Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.4, 22-Jul-16
TSOP77230W VISHAY-TSOP77230W Datasheet
336Kb / 12P
   IR Receiver Modules for Remote Control Systems
Rev. 1.6, 13-Sep-17
TSOP21 VISHAY-TSOP21 Datasheet
238Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.1, 31-Jan-05
TSOP31130 VISHAY-TSOP31130 Datasheet
164Kb / 8P
   IR Receiver Modules for Remote Control Systems
Rev. 1.2, 26-Sep-08
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com