Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5063JD1R000J18AF5 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 5063JD1R000J18AF5
Description  0.25 to 0.40 W; 1% and 5% Metal film resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5063JD1R000J18AF5 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  5063JD1R000J18AF5 Datasheet HTML 1Page - List of Unclassifed Manufacturers 5063JD1R000J18AF5 Datasheet HTML 2Page - List of Unclassifed Manufacturers 5063JD1R000J18AF5 Datasheet HTML 3Page - List of Unclassifed Manufacturers 5063JD1R000J18AF5 Datasheet HTML 4Page - List of Unclassifed Manufacturers 5063JD1R000J18AF5 Datasheet HTML 5Page - List of Unclassifed Manufacturers 5063JD1R000J18AF5 Datasheet HTML 6Page - List of Unclassifed Manufacturers 5063JD1R000J18AF5 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2000 Aug 08
3
BCcomponents
Product specification
Metal film resistors
5063JD series (space miser)
0.25 to 0.40 W; 1% and 5%
ORDERING INFORMATION
Table 1
Ordering code indicating resistor type and packaging
Note
1. A 0
Ω jumper is available with a maximum resistance Rmax ≤ 10 mΩ at 3 A.
TYPE
TC
(
× 10−6/K)
TOL.
(%)
RESISTANCE RANGE
PART NUMBER
SPQ
(units)
5063JD
±100
jumper(1)
5063JD0R000J12AFS
5000; tape & reel
jumper(1)
5063JD0R000J18AFS
5000; ammopack
±5
0.22 to 0.91
5063JDxxxxxJ12AFS
5000; tape & reel
±5
0.22 to 0.91
5063JDxxxxxJ18AFS
5000; ammopack
±11 Ω to 10 MΩ
5063JDxxxxxF12AF5
5000; tape & reel
±11 Ω to 10 MΩ
5063JDxxxxxF18AF5
5000; ammopack
Composition of the clear text code (NAFTA P/N)
• The resistors have an ordering code starting with 50
• The subsequent digits indicate the resistor type,
temperature coefficient, ohmic value, tolerance and
packaging; see Table
1
• The ohmic value is represented by 5-digits; see Table 2
• For temperature coefficient and tolerance, see Table 3.
Table 2
Examples of the ohmic value
Table 3
Letter coding for temperature coefficient and
tolerance
OHMIC
VALUE
5-DIGIT
VALUE
0.22
0R220
1
1R000
10
10R00
100
100R0
1k
1K000
10 k
10K00
100 k
100K0
1M
1M000
TC
(
×10−6/K)
LETTER
CODE
TOL.
(%)
LETTER
CODE
100
D
±5J
−−
±1F
ORDERING EXAMPLE: CLEAR TEXT CODE
The ordering code of a 5063JD resistor, value 5600
Ω±1%,
taped on a bandolier of 5000 units in tape on reel is:
5063JD5K600F12AF5.


Similar Part No. - 5063JD1R000J18AF5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5063JD1K500F ETC2-5063JD1K500F Datasheet
218Kb / 7P
   5063JD series (space miser) 0.25 to 0.40 W; 1% and 5% Metal film resistors
More results

Similar Description - 5063JD1R000J18AF5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5063JD1K500F ETC2-5063JD1K500F Datasheet
218Kb / 7P
   5063JD series (space miser) 0.25 to 0.40 W; 1% and 5% Metal film resistors
logo
Vishay Siliconix
CCF50 VISHAY-CCF50_15 Datasheet
124Kb / 3P
   Metal Film Resistors, Industrial, ± 1 % and ± 5 % Tolerance
Revision: 15-Nov-12
CCF50 VISHAY-CCF50 Datasheet
99Kb / 2P
   Metal Film Resistors, Industrial, 1%, 5% Tolerance
Revision 19-Aug-04
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Vishay Siliconix
CCF55 VISHAY-CCF55 Datasheet
161Kb / 2P
   Metal Film Resistors, Industrial, 1% Tolerance
Revision 05-Oct-05
CCF55 VISHAY-CCF55_15 Datasheet
75Kb / 3P
   Metal Film Resistors, Industrial, ± 1 % Tolerance
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com