Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5063JD100K0J18AFS Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # 5063JD100K0J18AFS
Description  0.25 to 0.40 W; 1% and 5% Metal film resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

5063JD100K0J18AFS Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  5063JD100K0J18AFS Datasheet HTML 1Page - List of Unclassifed Manufacturers 5063JD100K0J18AFS Datasheet HTML 2Page - List of Unclassifed Manufacturers 5063JD100K0J18AFS Datasheet HTML 3Page - List of Unclassifed Manufacturers 5063JD100K0J18AFS Datasheet HTML 4Page - List of Unclassifed Manufacturers 5063JD100K0J18AFS Datasheet HTML 5Page - List of Unclassifed Manufacturers 5063JD100K0J18AFS Datasheet HTML 6Page - List of Unclassifed Manufacturers 5063JD100K0J18AFS Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
2000 Aug 08
5
BCcomponents
Product specification
Metal film resistors
5063JD series (space miser)
0.25 to 0.40 W; 1% and 5%
Pulse-load behaviour
Fig.4
Pulse on a regular basis; maximum permissible peak pulse power ( max) as
a function of pulse duration (ti).
P
ˆ
10 6
10 5
10 4
10 3
10 2
10 1
1
JW37
10 3
1
10
10 2
10 1
t (s)
i
Pmax
(W)
^
single pulse
rep. pulse
t /t = 1000
pi
Fig.5
Pulse on a regular basis; maximum permissible peak pulse voltage ( max) as
a function of pulse duration (ti).
V
ˆ
JW38
1200
0
10 6
10 5
10 4
10 3
10 2
10 1
1
800
400
Vmax
(V)
t i (s)


Similar Part No. - 5063JD100K0J18AFS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5063JD1K500F ETC2-5063JD1K500F Datasheet
218Kb / 7P
   5063JD series (space miser) 0.25 to 0.40 W; 1% and 5% Metal film resistors
More results

Similar Description - 5063JD100K0J18AFS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5063JD1K500F ETC2-5063JD1K500F Datasheet
218Kb / 7P
   5063JD series (space miser) 0.25 to 0.40 W; 1% and 5% Metal film resistors
logo
Vishay Siliconix
CCF50 VISHAY-CCF50_15 Datasheet
124Kb / 3P
   Metal Film Resistors, Industrial, ± 1 % and ± 5 % Tolerance
Revision: 15-Nov-12
CCF50 VISHAY-CCF50 Datasheet
99Kb / 2P
   Metal Film Resistors, Industrial, 1%, 5% Tolerance
Revision 19-Aug-04
logo
TT Electronics.
4800 TTELEC-4800_17 Datasheet
425Kb / 3P
   Metal Film Resistors Metal Film Resistors
logo
Vishay Siliconix
CCF55 VISHAY-CCF55 Datasheet
161Kb / 2P
   Metal Film Resistors, Industrial, 1% Tolerance
Revision 05-Oct-05
CCF55 VISHAY-CCF55_15 Datasheet
75Kb / 3P
   Metal Film Resistors, Industrial, ± 1 % Tolerance
logo
Welwyn Components Limit...
MFR WELWYN-MFR Datasheet
1Mb / 4P
   Metal Film Resistors
MFR4P WELWYN-MFR4P Datasheet
384Kb / 2P
   Metal Film Resistors
logo
Rohm
CRB25 ROHM-CRB25 Datasheet
183Kb / 3P
   Metal film resistors
logo
Panasonic Semiconductor
ERO-S2PHF1002 PANASONIC-ERO-S2PHF1002 Datasheet
116Kb / 4P
   Metal Film Resistors
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com