Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

4377 Datasheet(PDF) 1 Page - Chicago Miniature Lamp,inc

Part # 4377
Description  Panel Mount Lenses for T-1 3/4 (5mm) LEDs
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CML [Chicago Miniature Lamp,inc]
Direct Link  http://www.cml-it.com
Logo CML - Chicago Miniature Lamp,inc

4377 Datasheet(HTML) 1 Page - Chicago Miniature Lamp,inc

  4377 Datasheet HTML 1Page - Chicago Miniature Lamp,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
DESCRIP TION A ND FE A T URES
Panel Mount Lenses for T-1 3/4 (5mm) LEDs
1-121
Chicago Miniature Lamp reserves the right to make specification revisions that enhance the design and/or performance of the product
147 Central Avenue
Hackensack, New Jersey 07601
Tel: 201-489-8989 • Fax: 201-489-6911
CHICAGO MINIATURE LAMP, INC.
WHERE INNOVATION COMES TO LIGHT
OUTL INE D IMENSIONS
OUTL INE D IMENSIONS
Series 4341 thru 4347
•Attractive snap-in panel lenses provide wide-angle
viewing plus mechanical security and electrostatic
discharge protection. Generous clearance and
"forgiving" optics speed product assembly. Ideal for
use with narrow beam LEDs, such as 4305H, 4308H
or 4310H series-or use with incandescent or neon
lamps.
Material: Polycarbonate
Mounting Hole: Snap into Ø.354-.360 hole in panels
.030-.080 thick.
Series 4371, 4372, 4375, 4376, 4377 Lenses;
4370 Spacer
•These low profile lenses provide quick and economical
panel mounting for T-1 3/4 high dome LEDs. Molded-in
Fresnel rings spread light evenly, provide wide viewing
angle and bright attractive appearance. Use with narrow
beam LED series 4305H, 4308H and 4310H.
Material: Polycarbonate
Mounting Hole: Snap into Ø.248/.252 hole in panels
.030-.250 thick.
All dimensions in inches.
4370
Spacer
4377
Yellow
4376
Blue
4375
Green
4372
Clear
4371
Red
MO DE L
LE NS C O LO R
4347
Yellow
4346
Blue
4345
Green
4344
White
4343
Amber
4342
Clear
4341
Red
MO DE L
LE NS C O LO R
Ø.250
Ø.360
.127
.070
.430
Ø.250
.280
Ø.390
Ø.320
Ø.350
.200
.250
.190
RING S
LIG HT DIFFUS ING
Spacer


Similar Part No. - 4377

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4377 VCC-4377 Datasheet
84Kb / 1P
   Panel Mount Lenses for T-1 3/4 (5mm) LEDs
More results

Similar Description - 4377

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
4311 VCC-4311 Datasheet
79Kb / 1P
   Panel Mount Lenses for T-1 3/4 (5mm) LEDs
4341 VCC-4341 Datasheet
84Kb / 1P
   Panel Mount Lenses for T-1 3/4 (5mm) LEDs
4331 VCC-4331 Datasheet
79Kb / 1P
   Panel Mount Lenses for T-1 (3mm) LEDs
logo
LUMEX INC.
SSI-LXH600HGW-150 LUMEX-SSI-LXH600HGW-150 Datasheet
64Kb / 1P
   T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
SSI-LXH600ID-150 LUMEX-SSI-LXH600ID-150 Datasheet
63Kb / 1P
   T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
SSI-LXH600GD-150 LUMEX-SSI-LXH600GD-150 Datasheet
63Kb / 1P
   T-5mm (T-1 3/4) LED, PANEL MOUNT INDICATOR
logo
Visual Communications C...
4303MC VCC-4303MC Datasheet
100Kb / 1P
   Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
logo
Chicago Miniature Lamp,...
4303MC CML-4303MC Datasheet
27Kb / 1P
   Mounting Clips for T-1 (3mm) & T-1 3/4 (5mm) LEDs
logo
Roithner LaserTechnik G...
383URC-3 ROITHNER-383URC-3_1 Datasheet
251Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
383-2UBC ROITHNER-383-2UBC Datasheet
218Kb / 4P
   T-1 3/4(5mm) High Intensity LEDs
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com