Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP-UART Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # TP-UART
Description  TP-UART-IC
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

TP-UART Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  TP-UART Datasheet HTML 1Page - Siemens Semiconductor Group TP-UART Datasheet HTML 2Page - Siemens Semiconductor Group TP-UART Datasheet HTML 3Page - Siemens Semiconductor Group TP-UART Datasheet HTML 4Page - Siemens Semiconductor Group TP-UART Datasheet HTML 5Page - Siemens Semiconductor Group TP-UART Datasheet HTML 6Page - Siemens Semiconductor Group TP-UART Datasheet HTML 7Page - Siemens Semiconductor Group TP-UART Datasheet HTML 8Page - Siemens Semiconductor Group TP-UART Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TP-UART-IC
The reproduction, transmission or use of this document or it‘s contents is not permitted without express written authority. All
rights, including right created by patent grant or registration of a utility model or design, are reserved. Technical changes
reserved.
25.15.10.41.33a
25.10.01
page
4
1.2
DC and AC Characteristics
The following parameters are valid in the ambient temperature range
ϑ
amb = -25
οC to 85 οC
and for bus voltage VB+ = 20 to 33 V if it is not otherwise declared. When the bus voltage is
lower than 20 V and no RESET is active then the normal functionality must be fulfilled, but
the parameters may be outside the limits.
1.2.1 Bus Pins VB+ and VB- (Pins 10, 11)
Via these pins the ASIC is connected to the bus line. VB- represents the reference potential.
Symbol
Parameter
Min
Max
Unit Note
VVB+
positive line voltage
-0.5
45
V
1)
Inormal
current consumption in analog mode (without clock)
1
mA
Inormal
current consumption in normal mode (with clock)
1.6
mA
4,9152 MHz
1) during surge impulse is allowed and guaranteed by ext. Elements: -20 V for 2 µs and 65 V for 150 µs
1.2.2 Buffer Voltage VSP (Pin 9)
The ASIC delivers a supply voltage of 5 volts to external loads. In order to prevent a rapid
change of bus current as a result of a rapid change of the load an external capacitor at the
pin VSP is used for energy storage. The static voltage is adjusted to app. 8,8 V (8,2 ...9,2)
by an internal regulator.
Symbol
Parameter
Min
Max
Unit
Note
VVSP
Energy buffer voltage
5.76
13
V
1)
CVSP
External storage capacitor
80
µF
2)
1) due to the limited current changing rate an overshoot of VVSP after load change may occur
2) recommended 100
µF; must be larger than the capacitor at VCC
1.2.3 Current Controlling Pin CSA (Pin 8)
An external capacitor at this pin prevents a quick change of ASIC current in case of quick
changing bus voltage VB+ or load current IVCC. The ASIC current changes with a rate of
max. 0,5 mA/ms (CCSA = 47 nF).
Symbol
Parameter
Min
Max
Unit
Note
CCR
max. current changing rate (ext. Start, CCSA = 47 nF)
0.2
0.5
mA/ms
1)
1)tolerance of capacitor CCSA = 47nF/50V +/- 5%


Similar Part No. - TP-UART

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
TP-100 ASTRODYNE-TP-100 Datasheet
350Kb / 2P
   100W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-100 MEANWELL-TP-100 Datasheet
322Kb / 2P
   100W Triple Output with PFC Function
logo
RSG Electronic Componen...
TP-100 RSG-TP-100 Datasheet
143Kb / 2P
   100W Triple Output with PFC Function
logo
Mean Well Enterprises C...
TP-100 MEANWELL-TP-100 Datasheet
331Kb / 2P
   100W Triple Output with PFC Function
logo
Astrodyne Corporation
TP-100A ASTRODYNE-TP-100A Datasheet
350Kb / 2P
   100W Triple Output with PFC Function
More results

Similar Description - TP-UART

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
FT232BL-TRAY FTDI-FT232BL-TRAY Datasheet
1Mb / 34P
   USB UART IC
FT232BQ-REEL FTDI-FT232BQ-REEL Datasheet
1Mb / 34P
   USB UART IC
FT232RL-REEL FTDI-FT232RL-REEL Datasheet
832Kb / 47P
   USB UART IC
logo
Infineon Technologies A...
TLE9015QU INFINEON-TLE9015QU Datasheet
277Kb / 5P
   BMS Transceiver IC - UART toiso UART
2020-05-20
logo
Future Technology Devic...
FT232RN FTDI-FT232RN Datasheet
1Mb / 40P
   USB UART IC
Version 1.0
logo
Infineon Technologies A...
TLE9015DQU INFINEON-TLE9015DQU Datasheet
967Kb / 26P
   iso UART transceiver IC
Rev. 1.0 2022-01-24
logo
Future Technology Devic...
FT230XS-U FTDI-FT230XS-U Datasheet
816Kb / 44P
   (USB to BASIC UART IC)
FT220XQ-T FTDI-FT220XQ-T Datasheet
947Kb / 46P
   USB to BASIC UART IC
FT234XD-R FTDI-FT234XD-R Datasheet
695Kb / 37P
   USB to BASIC UART IC
logo
Holtek Semiconductor In...
HT42B534-X HOLTEK-HT42B534-X Datasheet
2Mb / 16P
   USB to UART Bridge IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com