Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F393N Datasheet(PDF) 3 Page - NXP Semiconductors

Part # N74F393N
Description  Dual 4-bit binary ripple counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F393N Datasheet(HTML) 3 Page - NXP Semiconductors

  N74F393N Datasheet HTML 1Page - NXP Semiconductors N74F393N Datasheet HTML 2Page - NXP Semiconductors N74F393N Datasheet HTML 3Page - NXP Semiconductors N74F393N Datasheet HTML 4Page - NXP Semiconductors N74F393N Datasheet HTML 5Page - NXP Semiconductors N74F393N Datasheet HTML 6Page - NXP Semiconductors N74F393N Datasheet HTML 7Page - NXP Semiconductors N74F393N Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Philips Semiconductors
Product specification
74F393
Dual 4-bit binary ripple counter
1988 Nov 01
3
LOGIC DIAGRAM
Q0n
3, 11
Q1n
4, 10
Q2n
5, 9
Q3n
6, 8
2, 12
CPn
MRn
VCC = Pin 14
GND = Pin 7
SF00707
CP
Q
RD
J
CP
Q
RD
J
CP
Q
RD
J
CP
Q
RD
J
1, 13
Q
KQ
KQ
K
Q
K
FUNCTION TABLE
COUNT
OUTPUTS
COUNT
Q0n
Q1n
Q2n
Q3n
0
L
L
L
L
1
H
LLL
2
L
HL
L
3
H
HL
L
4
L
L
H
L
5
H
LHL
6
L
HH
L
7
H
HH
L
8
L
L
L
H
9
H
LL
H
10
L
HLH
11
H
HLH
12
L
L
H
H
13
H
LH
H
14
L
HHH
15
H
H
H
H
H = High voltage level transition
L = Low voltage level
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limits set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free-air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
40
mA
Tamb
Operating free-air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
SYMBOL
PARAMETER
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High-level input voltage
2.0
V
VIL
Low-level input voltage
0.8
V
IIK
Input clamp current
–18
mA
IOH
High-level output current
–1
mA
IOL
Low-level output current
20
mA
Tamb
Operating free-air temperature range
0
70
°C


Similar Part No. - N74F393N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F395D PHILIPS-N74F395D Datasheet
65Kb / 7P
   4-bit cascadable shift register 3-State
1990 Oct 23 1 853
N74F395N PHILIPS-N74F395N Datasheet
65Kb / 7P
   4-bit cascadable shift register 3-State
1990 Oct 23 1 853
N74F399D PHILIPS-N74F399D Datasheet
88Kb / 10P
   Registers
1999 Jan 08
N74F399N PHILIPS-N74F399N Datasheet
88Kb / 10P
   Registers
1999 Jan 08
More results

Similar Description - N74F393N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC393 ONSEMI-MC74VHC393 Datasheet
172Kb / 8P
   Dual 4-Bit Binary Ripple Counter
REV 0
logo
NXP Semiconductors
74LV393 PHILIPS-74LV393 Datasheet
115Kb / 12P
   Dual 4-bit binary ripple counter
1997 Jun 10
74HC393 NXP-74HC393 Datasheet
164Kb / 21P
   Dual 4-bit binary ripple counter
Rev. 4-16 May 2013
logo
Nexperia B.V. All right...
74HC393-Q100 NEXPERIA-74HC393-Q100 Datasheet
734Kb / 20P
   Dual 4-bit binary ripple counter
74HCT393-Q100 NEXPERIA-74HCT393-Q100 Datasheet
267Kb / 1P
   Dual 4-bit binary ripple counter
Rev. 3 - 22 October 2021
logo
NXP Semiconductors
74HC393 PHILIPS-74HC393 Datasheet
46Kb / 7P
   Dual 4-bit binary ripple counter
December 1990
logo
Nexperia B.V. All right...
74LV393-Q100 NEXPERIA-74LV393-Q100 Datasheet
746Kb / 16P
   Dual 4-bit binary ripple counter
logo
List of Unclassifed Man...
74HC393 ETC1-74HC393 Datasheet
216Kb / 5P
   DUAL 4-BIT BINARY RIPPLE COUNTER
logo
Nexperia B.V. All right...
74LV393 NEXPERIA-74LV393 Datasheet
235Kb / 13P
   Dual 4-bit binary ripple counter
Rev. 6 - 19 March 2021
74HC393 NEXPERIA-74HC393 Datasheet
268Kb / 15P
   Dual 4-bit binary ripple counter
Rev. 8 - 22 October 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com