Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM55C20 Datasheet(PDF) 2 Page - Weitron Technology

Part # ZMM55C20
Description  Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

ZMM55C20 Datasheet(HTML) 2 Page - Weitron Technology

  ZMM55C20 Datasheet HTML 1Page - Weitron Technology ZMM55C20 Datasheet HTML 2Page - Weitron Technology ZMM55C20 Datasheet HTML 3Page - Weitron Technology ZMM55C20 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
ZMM55C Series
WEITRON
Maximum Ratings and Electrical Characteristics
Characteristics
Symbol
Unit
Power Dissipation
Thermal Resistance Junction to Ambient
Forward Voltage @ IF=200mA
Operation and Storage Temperature Range
V
K/W
NOTES:1. On PC board 50 mmx50mmx1.6mm
C
R JA
WEITRON
http://www.weitron.com.tw
PD
VF
Tj,TSTG
Value
500
500
1.5
-65 to+175
mW
(TA=25 C Unless Otherwise Noted)
(1)


Similar Part No. - ZMM55C20

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZMM55C20 CYSTEKEC-ZMM55C20 Datasheet
132Kb / 3P
   Surface Mount Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
ZMM55C20 SECOS-ZMM55C20 Datasheet
376Kb / 2P
   Surface Mount Zener Dio de
logo
Shanghai Shunye Electro...
ZMM55C20 SY-ZMM55C20 Datasheet
316Kb / 3P
   ZENER DIODES
logo
Yangzhou yangjie electr...
ZMM55C20 YANGJIE-ZMM55C20 Datasheet
191Kb / 5P
   Zener Diodes
logo
Diotech Company.
ZMM55C20 DIOTECH-ZMM55C20 Datasheet
1Mb / 3P
   500mW SUFACE MOUNT ZENER DIODE
More results

Similar Description - ZMM55C20

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com