Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM55C18 Datasheet(PDF) 3 Page - Weitron Technology

Part # ZMM55C18
Description  Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

ZMM55C18 Datasheet(HTML) 3 Page - Weitron Technology

  ZMM55C18 Datasheet HTML 1Page - Weitron Technology ZMM55C18 Datasheet HTML 2Page - Weitron Technology ZMM55C18 Datasheet HTML 3Page - Weitron Technology ZMM55C18 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ZMM55C Series
WE IT R ON
WEITRON
http://www.weitron.com.tw
Part
Number
Zener Voltage(Note1)
Typical Temperature
Coefficient
A
ZMM55C2V4
ZMM55C2V7
ZMM55C3V0
ZMM55C3V3
ZMM55C3V6
ZMM55C3V9
ZMM55C4V3
ZMM55C4V7
ZMM55C5V1
ZMM55C5V6
ZMM55C6V2
ZMM55C6V8
ZMM55C7V5
ZMM55C8V2
ZMM55C9V1
ZMM55C10
ZMM55C11
ZMM55C12
ZMM55C13
ZMM55C15
ZMM55C16
ZMM55C18
ZMM55C20
ZMM55C22
ZMM55C24
ZMM55C27
ZMM55C30
ZMM55C33
ZMM55C36
ZMM55C39
ZMM55C43
ZMM55C47
ZMM55C51
ZMM55C56
ZMM55C62
ZMM55C68
ZMM55C75
V z
Nom
(V)
Max
(V)
Min
(V)
Max, Zener Impedance
Max ,Reverse
Leakage Current
rZjT@IZT
rZjK@IZK
TKvz
IR@VR
Electrical Characteristics (TA=25 C unless otherwise noted,VF=1.5V Max.@IF=200mA for all types)
(V)
(
)
mA
mA
@IZT
2.4
2.7
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
62
68
75
2.28
2.5
2.8
3.1
3.4
3.7
4.0
4.4
4.8
5.2
5.8
6.4
7.0
7.7
8.5
9.4
10.4
11.4
12.4
13.8
15.3
16.8
18.8
20.8
22.8
25.1
28
31
34
37
40
44
48
52
58
64
70
2.56
2.9
3.2
3.5
3.8
4.1
4.6
5.0
5.4
6.0
6.6
7.2
7.9
8.7
9.6
10.6
11.6
12.7
14.1
15.6
17.1
19.1
21.2
23.3
25.6
28.9
32
35
38
41
46
50
54
60
66
72
79
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
<50
<10
<4
<2
<2
<2
<1
<0.5
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
<0.1
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
1.0
2.0
3.0
5.0
6.2
6.8
7.5
8.2
9.1
10
11
12
13
15
16
18
20
22
24
27
30
33
36
39
43
47
51
56
<600
<600
<600
<600
<600
<600
<600
<600
<550
<450
<200
<150
<50
<50
<50
<70
<70
<90
<110
<110
<170
<170
<220
<220
<220
<220
<220
<220
<220
<500
<600
<700
<700
<1000
<1000
<1000
<1500
-0.09~-0.06
-0.09~-0.06
-0.08~-0.05
-0.08~-0.05
-0.08~-0.05
-0.08~-0.05
-0.06~-0.03
-0.05~+0.02
-0.02~+0.02
-0.05~+0.05
0.03~0.06
0.03~0.07
0.03~0.07
0.03~0.08
0.03~0.09
0.03~0.10
0.03~0.11
0.03~0.11
0.03~0.11
0.03~0.11
0.03~0.11
0.03~0.11
0.03~0.11
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
0.04~0.12
% / K
2. Zenner Voltage Tolerance Suffix "ZMM55C" For 5%
1. Zener voltage is measured with a pulse test current Iz at an ambient temperture of 25 C
W
(
)
W
(
)
(
)
(
)
<85
<85
<90
<90
<90
<90
<90
<80
<60
<40
<10
<8
<7
<7
<10
<15
<20
<20
<26
<30
<40
<50
<55
<55
<80
<80
<80
<80
<80
<90
<90
<110
<125
<135
<150
<200
<250
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
1
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
NOTE:


Similar Part No. - ZMM55C18

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
ZMM55C18 CYSTEKEC-ZMM55C18 Datasheet
132Kb / 3P
   Surface Mount Zener Voltage Regulators
logo
SeCoS Halbleitertechnol...
ZMM55C18 SECOS-ZMM55C18 Datasheet
376Kb / 2P
   Surface Mount Zener Dio de
logo
Changzhou Shunye Electr...
ZMM55C18 SY-ZMM55C18 Datasheet
316Kb / 3P
   ZENER DIODES
logo
Yangzhou yangjie electr...
ZMM55C18 YANGJIE-ZMM55C18 Datasheet
191Kb / 5P
   Zener Diodes
logo
Diotech Company.
ZMM55C18 DIOTECH-ZMM55C18 Datasheet
1Mb / 3P
   500mW SUFACE MOUNT ZENER DIODE
More results

Similar Description - ZMM55C18

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com