Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THN4201E Datasheet(PDF) 7 Page - Tachyonics CO,. LTD

Part # THN4201E
Description  NPN SiGe RF TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TACHYONICS [Tachyonics CO,. LTD]
Direct Link  
Logo TACHYONICS - Tachyonics CO,. LTD

THN4201E Datasheet(HTML) 7 Page - Tachyonics CO,. LTD

Back Button THN4201E Datasheet HTML 3Page - Tachyonics CO,. LTD THN4201E Datasheet HTML 4Page - Tachyonics CO,. LTD THN4201E Datasheet HTML 5Page - Tachyonics CO,. LTD THN4201E Datasheet HTML 6Page - Tachyonics CO,. LTD THN4201E Datasheet HTML 7Page - Tachyonics CO,. LTD THN4201E Datasheet HTML 8Page - Tachyonics CO,. LTD THN4201E Datasheet HTML 9Page - Tachyonics CO,. LTD THN4201E Datasheet HTML 10Page - Tachyonics CO,. LTD THN4201E Datasheet HTML 11Page - Tachyonics CO,. LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
THN4201 Series
□ Common Emitter S-Parameter Data
at VCE = 3 V, IC = 3 mA
at VCE = 3 V, IC = 5 mA
at VCE = 3 V, IC = 7 mA
at VCE = 3 V, IC = 10 mA
freq
400.0MHz
600.0MHz
800.0MHz
1.000GHz
1.200GHz
1.400GHz
1.600GHz
1.800GHz
2.000GHz
S(1,1)
0.655 / -62.653
0.580 / -83.331
0.533 / -99.683
0.515 / -113.307
0.485 / -125.329
0.488 / -135.100
0.468 / -144.580
0.459 / -152.505
0.453 / -159.271
S(2,1)
5.792 / 120.819
4.562 / 107.868
3.746 / 97.800
3.165 / 90.290
2.789 / 82.271
2.441 / 76.638
2.204 / 69.486
1.999 / 63.265
1.815 / 56.769
S(1,2)
0.101 / 50.011
0.117 / 43.304
0.124 / 41.205
0.129 / 41.892
0.134 / 44.398
0.139 / 47.474
0.147 / 51.283
0.158 / 54.939
0.171 / 57.641
S(2,2)
0.704 / -55.506
0.589 / -69.918
0.508 / -80.314
0.460 / -88.925
0.436 / -96.143
0.425 / -103.034
0.418 / -109.702
0.426 / -116.268
0.441 / -122.278
freq
400.0MHz
600.0MHz
800.0MHz
1.000GHz
1.200GHz
1.400GHz
1.600GHz
1.800GHz
2.000GHz
S(1,1)
0.609 / -68.450
0.527 / -91.519
0.477 / -109.763
0.456 / -124.148
0.428 / -136.234
0.427 / -145.070
0.412 / -154.253
0.404 / -161.687
0.396 / -167.977
S(2,1)
6.552 / 118.380
5.192 / 105.354
4.305 / 95.373
3.648 / 87.908
3.207 / 80.362
2.804 / 74.564
2.528 / 68.212
2.294 / 62.527
2.094 / 56.427
S(1,2)
0.086 / 50.120
0.099 / 47.824
0.109 / 49.290
0.120 / 52.065
0.132 / 54.879
0.146 / 57.303
0.160 / 59.276
0.177 / 60.663
0.194 / 60.926
S(2,2)
0.593 / -65.801
0.473 / -80.110
0.402 / -89.913
0.362 / -98.142
0.344 / -104.709
0.336 / -110.863
0.333 / -116.822
0.344 / -122.479
0.359 / -127.254
freq
400.0MHz
600.0MHz
800.0MHz
1.000GHz
1.200GHz
1.400GHz
1.600GHz
1.800GHz
2.000GHz
S(1,1)
0.563 / -75.070
0.479 / -100.757
0.428 / -120.966
0.407 / -135.525
0.385 / -147.324
0.383 / -155.129
0.373 / -163.770
0.368 / -170.494
0.359 / -176.316
S(2,1)
7.307 / 115.901
5.812 / 102.783
4.826 / 92.906
4.084 / 85.495
3.570 / 78.618
3.117 / 72.977
2.797 / 67.358
2.532 / 62.176
2.316 / 56.494
S(1,2)
0.075 / 52.425
0.088 / 53.417
0.103 / 56.522
0.118 / 59.343
0.135 / 61.536
0.153 / 62.893
0.171 / 63.564
0.190 / 63.685
0.209 / 62.659
S(2,2)
0.500 / -74.936
0.392 / -88.821
0.331 / -98.505
0.301 / -106.431
0.288 / -112.706
0.284 / -118.288
0.283 / -123.899
0.294 / -128.635
0.309 / -132.369
freq
400.0MHz
600.0MHz
800.0MHz
1.000GHz
1.200GHz
1.400GHz
1.600GHz
1.800GHz
2.000GHz
S(1,1)
0.510 / -83.850
0.429 / -113.017
0.383 / -134.847
0.367 / -148.562
0.355 / -158.565
0.354 / -165.482
0.351 / -172.786
0.347 / -178.797
0.339 / 176.000
S(2,1)
8.205 / 112.843
6.504 / 99.736
5.373 / 90.023
4.506 / 83.025
3.893 / 77.079
3.392 / 71.842
3.021 / 66.868
2.729 / 62.093
2.489 / 56.749
S(1,2)
0.066 / 56.275
0.082 / 59.625
0.100 / 62.794
0.119 / 64.915
0.138 / 66.250
0.159 / 66.628
0.179 / 66.345
0.200 / 65.628
0.221 / 63.819
S(2,2)
0.420 / -83.808
0.329 / -97.359
0.280 / -106.977
0.257 / -114.882
0.249 / -120.706
0.248 / -126.025
0.249 / -131.145
0.261 / -135.101
0.275 / -137.754
www.tachyonics.co.kr
- 7/12 -
March-2006
Rev 1.0


Similar Part No. - THN4201E

ManufacturerPart #DatasheetDescription
logo
AUK corp
THN4201E AUK-THN4201E Datasheet
239Kb / 12P
   SiGe NPN Transistor
More results

Similar Description - THN4201E

ManufacturerPart #DatasheetDescription
logo
Tachyonics CO,. LTD
THN6301 TACHYONICS-THN6301 Datasheet
206Kb / 11P
   NPN SiGe RF TRANSISTOR
THN6501 TACHYONICS-THN6501 Datasheet
231Kb / 13P
   NPN SiGe RF TRANSISTOR
THN6601B TACHYONICS-THN6601B Datasheet
280Kb / 7P
   NPN SiGe RF TRANSISTOR
THN6201 TACHYONICS-THN6201 Datasheet
251Kb / 13P
   NPN SiGe RF TRANSISTOR
logo
Teledyne Technologies I...
CTS6002 TELEDYNE-CTS6002 Datasheet
165Kb / 3P
   NPN SiGe RF Transistor
logo
STMicroelectronics
START620 STMICROELECTRONICS-START620 Datasheet
30Kb / 5P
   NPN SiGe RF Transistor
logo
Tachyonics CO,. LTD
THN5601SF TACHYONICS-THN5601SF Datasheet
324Kb / 11P
   NPN SiGe RF POWER TRANSISTOR
THN6701B TACHYONICS-THN6701B Datasheet
253Kb / 6P
   NPN SiGe RF POWER TRANSISTOR
THN5601B TACHYONICS-THN5601B Datasheet
89Kb / 7P
   NPN SiGe RF POWER TRANSISTOR
THN5602F TACHYONICS-THN5602F Datasheet
280Kb / 6P
   NPN SiGe RF POWER TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com