Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZMM5221B Datasheet(PDF) 1 Page - Weitron Technology

Part # ZMM5221B
Description  Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

ZMM5221B Datasheet(HTML) 1 Page - Weitron Technology

  ZMM5221B Datasheet HTML 1Page - Weitron Technology ZMM5221B Datasheet HTML 2Page - Weitron Technology ZMM5221B Datasheet HTML 3Page - Weitron Technology ZMM5221B Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Surface Mount Zener Diodes
MINI-MELF Outline Dimensions
* 500mw Power Dissipation
* General Purpose, Medium Current
* Ideal for Surface Mountted Application
* Case : MINI-MELF Glass Case(SOD-80)
* Weight : Approx 0.05 gram
Mechanical Data:
Features:
WEITRON
http://www.weitron.com.tw
ZMM5221BthruZMM5262B
SMALL SIGNAL
ZENER DIODES
0.5 WATTS
MINI-MELF
Unit:mm
A
B
C
Dim
A
B
C
Min
3.30
1.30
0.28
Max
3.70
1.60
0.50
MINI MELF
Lead(Pb)-Free
P b


Similar Part No. - ZMM5221B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
ZMM5221B RECTRON-ZMM5221B Datasheet
23Kb / 2P
   500mW 5% mini-M.E.L.F ZENER DIODE
logo
RFE international
ZMM5221B RFE-ZMM5221B Datasheet
866Kb / 4P
   Zener Diodes
07-30-2020
logo
EIC discrete Semiconduc...
ZMM5221B EIC-ZMM5221B Datasheet
126Kb / 2P
   ZENER DIODES
logo
Diodes Incorporated
ZMM5221B DIODES-ZMM5221B Datasheet
82Kb / 5P
   500mW SURFACE MOUNT ZENER DIODE
logo
Jinan Gude Electronic D...
ZMM5221B JGD-ZMM5221B Datasheet
198Kb / 2P
   SURFACE MOUNT ZENER DIODES/MINI MELF
More results

Similar Description - ZMM5221B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com