Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

275V224A103A1A1 Datasheet(PDF) 5 Page - CTS Corporation

Part # 275V224A103A1A1
Description  Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

275V224A103A1A1 Datasheet(HTML) 5 Page - CTS Corporation

  275V224A103A1A1 Datasheet HTML 1Page - CTS Corporation 275V224A103A1A1 Datasheet HTML 2Page - CTS Corporation 275V224A103A1A1 Datasheet HTML 3Page - CTS Corporation 275V224A103A1A1 Datasheet HTML 4Page - CTS Corporation 275V224A103A1A1 Datasheet HTML 5Page - CTS Corporation 275V224A103A1A1 Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DIMENSION:
MM
INCH
DIMENSION:
MM
INCH
DIMENSION:
MM
INCH
DIMENSION:
MM
INCH
VPE 270 PC Type “V” Terminals, Twist Tab Mount, Metal Shaft
X057-BX270 PC Type Terminal SPST Switch, PC Style Base “X” Terminals, Metal Shaft, Bushing Mount
T2-270 Solder Lug Terminals, Straight Tandem, Metal Shaft, Bushing Mount
XP275 PC Type “X” Terminal, Metal Shaft, Twist Tab Mounting


Similar Part No. - 275V224A103A1A1

ManufacturerPart #DatasheetDescription
logo
Littelfuse
275 LITTELFUSE-275 Datasheet
82Kb / 2P
   SUBMINIATURE FUSES - Picofuse Lead Free
logo
MKS Instruments.
275 MKS-275 Datasheet
591Kb / 8P
   DIGITAL COMBINATION VACUUM GAUGE SYSTEM
logo
List of Unclassifed Man...
275-75AB ETC-275-75AB Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
275-75ABE-01 ETC-275-75ABE-01 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
275-75ABE-10 ETC-275-75ABE-10 Datasheet
7Mb / 21P
   BOARD LEVEL POWER SEMICONDUCTOR HEAT SINKS
More results

Similar Description - 275V224A103A1A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
   Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
288TB24F402A1 CTS-288TB24F402A1 Datasheet
317Kb / 4P
   Commercial Miniature 16mm Size Rotary Encoder
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
251 CTS-251 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
   Carbon Composition Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com