Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WTC2309 Datasheet(PDF) 4 Page - Weitron Technology

Part # WTC2309
Description  P-Channel Enhancement Mode Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WTC2309 Datasheet(HTML) 4 Page - Weitron Technology

  WTC2309 Datasheet HTML 1Page - Weitron Technology WTC2309 Datasheet HTML 2Page - Weitron Technology WTC2309 Datasheet HTML 3Page - Weitron Technology WTC2309 Datasheet HTML 4Page - Weitron Technology WTC2309 Datasheet HTML 5Page - Weitron Technology WTC2309 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
WEITRON
http://www.weitron.com.tw
WTC2309
-V
DS ,DRAIN-TO-SOURCE VOLTAGE(V)
-V
DS ,Drain-to-source Voltage(V)
FIG.1 Typical Output Characteristics
-V
GS ,Gate-to-source Voltage(V)
85
75
105
95
65
55
1
3
5
7
9
Fig.3 On-Resistance v.s. Gate Voltage
1.6
1.4
1.2
1.0
0.8
0.6
-50
0
50
100
150
Fig.4 Normalized On-Resistance
Fig.2 Typical Output Characteristics
I
D = -2.6A
T
A = 25˚C
-V
DS ,Source-to-Drain Voltage(V)
3
1
2
0
0
0.2
0.4
0.6
0.8
1
1.2
Fig.5 Forward Characteristics of
Reverse Diode
T
j ,Junction Temperature(°C)
T
j ,Junction Temperature(°C)
1.3
1.1
0.9
0.7
-50
0
50
100
150
Fig.6 Gate Threshold Voltage v.s.
Junction Temperature
I
D = 3A
V
G = 10V
T
j = 25°C
T
j = 150°C
-10V
-7.0V
-5.0V
-4.5V
VG= -3.0V
40
45
35
30
25
20
15
10
5
0
0
2
4
6
8
10
TA=25°C
-10V
-7.0V
-5.0V
-4.5V
VG= -3.0V
40
45
35
30
25
20
15
10
5
0
0
2
4
6
8
10
TA=150°C
4/6
23-May-05


Similar Part No. - WTC2309

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
WTC2309 VBSEMI-WTC2309 Datasheet
501Kb / 9P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - WTC2309

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com