Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM6920A Datasheet(PDF) 3 Page - Weitron Technology

Part # STM6920A
Description  Surface Mount N-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

STM6920A Datasheet(HTML) 3 Page - Weitron Technology

  STM6920A Datasheet HTML 1Page - Weitron Technology STM6920A Datasheet HTML 2Page - Weitron Technology STM6920A Datasheet HTML 3Page - Weitron Technology STM6920A Datasheet HTML 4Page - Weitron Technology STM6920A Datasheet HTML 5Page - Weitron Technology STM6920A Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WEITRON
http://www.weitron.com.tw
WT6920AM
W
WEE IITT RR O
ON
N
Ciss
Coss
1500
1200
900
600
300
0
20
16
12
8
4
0
0
2
4
6
8
10
12
VGS=10,8,5V
2.2
1.8
1.4
1.0
0.6
0.2
0
-50
0
50
100 125
Tj( C)
-25
25
75
VGS=10V
ID=6A
Crss
25
20
15
10
5
0
0
1
2
3
4
5
6
Tj=125 C
25 C
-55 C
VGS=4V
VGS=3V
Fig.1 Output Characteristics
VDS, Drain-to-Source Voltage (V)
Fig.2 Transfer Characteristics
VGS, Gate-to-Source Voltage (V)
Fig.4 On-Resistance Variation
with Temperature
Figure 3. Capacitance
VDS, Drain-to Source Voltage (V)
0
5
10
15
20
25
30
-50 -25
0
25 50
75 100 125
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=250uA
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
-50 -25 0
25 50 75 100 125
VDS=VGS
ID=250uA
3/6
02-Aug-05
Fig.5 Gate Threshold Variation
Fig.6 Breakdown Voltage Variation
with Temperature
Tj, Junction Temperature (˚C)
Tj, Junction Temperature (˚C)
with Temperature


Similar Part No. - STM6920A

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM6920A SAMHOP-STM6920A Datasheet
697Kb / 7P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
SHENZHEN DOINGTER SEMIC...
STM6920A DOINGTER-STM6920A Datasheet
1Mb / 4P
   Dual N-Channel MOSFET uses advanced trench technology
logo
VBsemi Electronics Co.,...
STM6920A VBSEMI-STM6920A Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - STM6920A

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT2300 WEITRON-WT2300 Datasheet
158Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT4410M WEITRON-WT4410M Datasheet
458Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WTK9410 WEITRON-WTK9410 Datasheet
903Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WTK4424 WEITRON-WTK4424 Datasheet
382Kb / 5P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT2306 WEITRON-WT2306 Datasheet
171Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT3402 WEITRON-WT3402 Datasheet
173Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
logo
Central Semiconductor C...
CMPDM7002A CENTRAL-CMPDM7002A Datasheet
100Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SURFACE MOUNT MOSFET
logo
Weitron Technology
WT4884AM WEITRON-WT4884AM Datasheet
260Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WTK6680 WEITRON-WTK6680 Datasheet
688Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT7822AM WEITRON-WT7822AM Datasheet
295Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com