Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F377AD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # N74F377AD
Description  Octal D-type flip-flop with enable
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F377AD Datasheet(HTML) 4 Page - NXP Semiconductors

  N74F377AD Datasheet HTML 1Page - NXP Semiconductors N74F377AD Datasheet HTML 2Page - NXP Semiconductors N74F377AD Datasheet HTML 3Page - NXP Semiconductors N74F377AD Datasheet HTML 4Page - NXP Semiconductors N74F377AD Datasheet HTML 5Page - NXP Semiconductors N74F377AD Datasheet HTML 6Page - NXP Semiconductors N74F377AD Datasheet HTML 7Page - NXP Semiconductors N74F377AD Datasheet HTML 8Page - NXP Semiconductors N74F377AD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Philips Semiconductors
Product specification
74F377A
Octal D-type flip-flop with enable
1996 Mar 12
4
ABSOLUTE MAXIMUM RATINGS
(Operation beyond the limit set forth in this table may impair the useful life of the device.
Unless otherwise noted these limits are over the operating free air temperature range.)
SYMBOL
PARAMETER
RATING
UNIT
VCC
Supply voltage
–0.5 to +7.0
V
VIN
Input voltage
–0.5 to +7.0
V
IIN
Input current
–30 to +5
mA
VOUT
Voltage applied to output in High output state
–0.5 to VCC
V
IOUT
Current applied to output in Low output state
40
mA
Tamb
Operating free air temperature range
0 to +70
°C
Tstg
Storage temperature range
–65 to +150
°C
RECOMMENDED OPERATING CONDITIONS
SYMBOL
PARAMETER
LIMITS
UNIT
MIN
NOM
MAX
VCC
Supply voltage
4.5
5.0
5.5
V
VIH
High–level input voltage
2.0
V
VIL
Low–level input voltage
0.8
V
IIk
Input clamp current
–18
mA
IOH
High–level output current
–1
mA
IOL
Low–level output current
20
mA
Tamb
Operating free air temperature range
0
+70
°C
DC ELECTRICAL CHARACTERISTICS
(Over recommended operating free-air temperature range unless otherwise noted.)
SYMBOL
PARAMETER
TEST
LIMITS
UNIT
CONDITIONS1
MIN
TYP2
MAX
E & CP inputs
VCC = MIN, VIL = 0.0V3,
±10%VCC
2.5
V
VOH
High-level output voltage
VIH = 4.5V3, IOH = MAX
±5%VCC
2.7
3.4
V
Other inputs
VCC = MIN, VIL = MAX,
±10%VCC
2.5
V
VIH = MIN, IOH = MAX
±5%VCC
2.7
V
VOL
Low-level output voltage
VCC = MIN, VIL = MAX,
±10%VCC
0.35
0.50
V
VIH = MIN, IOL = MAX
±5%VCC
0.35
0.50
V
VIK
Input clamp voltage
VCC = MIN, II = IIK
–0.73
-1.2
V
II
Input current at maximum input voltage
VCC = 0.0V, VI = 7.0V
100
µA
IIH
High–level input current
VCC = MAX, VI = 2.7V
20
µA
IIL
Low–level input current
VCC = MAX, VI = 0.5V
–20
µA
IOS
Short circuit output current4
VCC = MAX
–60
–150
mA
I
Supply current (total)
I
V
= MAX
27
40
mA
ICC
Supply current (total)
ICCH
VCC = MAX
27
40
mA
ICCL
VCC = MAX
29
43
mA
Notes to DC electrical characteristics
1. For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions for the applicable type.
2. All typical values are at VCC = 5V, Tamb = 25°C.
3. To reduce the effect of external noise during test. Special test conditions are not necessary for the ’377A.
4. Not more than one output should be shorted at a time. For testing IOS, the use of high-speed test apparatus and/or sample-and-hold
techniques are preferable in order to minimize internal heating and more accurately reflect operational values. Otherwise, prolonged shorting
of a high output may raise the chip temperature well above normal and thereby cause invalid readings in other parameter tests. In any
sequence of parameter tests, IOS tests should be performed last.


Similar Part No. - N74F377AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F373D PHILIPS-N74F373D Datasheet
93Kb / 12P
   Octal transparent latch 3-State
1994 Dec 05
logo
Nexperia B.V. All right...
N74F373D NEXPERIA-N74F373D Datasheet
268Kb / 14P
   Latch/flip-flop
2002 Nov 20
logo
NXP Semiconductors
N74F373DB PHILIPS-N74F373DB Datasheet
93Kb / 12P
   Octal transparent latch 3-State
1994 Dec 05
logo
Nexperia B.V. All right...
N74F373DB NEXPERIA-N74F373DB Datasheet
268Kb / 14P
   Latch/flip-flop
2002 Nov 20
logo
NXP Semiconductors
N74F373N PHILIPS-N74F373N Datasheet
93Kb / 12P
   Octal transparent latch 3-State
1994 Dec 05
More results

Similar Description - N74F377AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74ABT377A PHILIPS-74ABT377A Datasheet
55Kb / 12P
   Octal D-type flip-flop with enable
1997 Feb 26
74AC11377 PHILIPS-74AC11377 Datasheet
177Kb / 7P
   OCTAL D TYPE FLIP FLOP WITH ENABLE
July 30 1990
logo
Texas Instruments
74AC11377 TI1-74AC11377_10 Datasheet
107Kb / 8P
[Old version datasheet]   OCTAL D TYPE FLIP FLOP WITH ENABLE
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
Motorola, Inc
SN54LS377 MOTOROLA-SN54LS377 Datasheet
250Kb / 7P
   OCTAL D FLIP-FLOP WITH ENABLE; HEX D FLIP-FLOP WITH ENABLE; 4-BIT D FLIP-FLOP WITH ENABLE
logo
Texas Instruments
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
logo
National Semiconductor ...
54FCT377 NSC-54FCT377 Datasheet
151Kb / 8P
   Octal D-Type Flip-Flop with Clock Enable
logo
Fairchild Semiconductor
74F377 FAIRCHILD-74F377_00 Datasheet
75Kb / 7P
   Octal D-Type Flip-Flop with Clock Enable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com