Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT4433AM Datasheet(PDF) 1 Page - Weitron Technology

Part # WT4433AM
Description  Surface Mount P-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT4433AM Datasheet(HTML) 1 Page - Weitron Technology

  WT4433AM Datasheet HTML 1Page - Weitron Technology WT4433AM Datasheet HTML 2Page - Weitron Technology WT4433AM Datasheet HTML 3Page - Weitron Technology WT4433AM Datasheet HTML 4Page - Weitron Technology WT4433AM Datasheet HTML 5Page - Weitron Technology WT4433AM Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
WEITRON
http://www.weitron.com.tw
WT4433AM
Rating
Symbol
Value
Unite
VDS
VGS
ID
IDM
PD
R JA
Operating Junction and Storage
Temperature Range
TJ,Tstg
IS
-55 to 150
C
A
V
V
A
A
W
C/W
Drain-Source Voltage
Gate-Source Voltage
Continuous Drain Current (T =125 C)
Pulsed Drain Current
Drain-Source Diode Forward Current
Power Dissipation
Maximax Junction-to-Ambient
Maximum Ratings (TA=25 C Unless Otherwise Specified)
Device Marking
WT4433AM=STM4433A
Surface Mount P-Channel
SO-8
DRAIN CURRENT
-6 AMPERES
DRAIN SOURCE VOLTAGE
-30 VOLTAGE
1
Features:
*Super high dense cell design for low RDS(ON)
*Rugged and Reliable
*SO-8 Package
R
<35 m @V = -10V
-30
±20
-6
-30
2.5
-1.7
50
Enhancement Mode MOSFET
DS(ON)
GS
R
<55 m @V = -4.5V
DS(ON)
GS
J
(2)
(1)
(1)
(1)
θ
29-Jun-05
1/6
Lead(Pb)-Free
P b


Similar Part No. - WT4433AM

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT4410M WEITRON-WT4410M Datasheet
458Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
More results

Similar Description - WT4433AM

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT2301 WEITRON-WT2301 Datasheet
157Kb / 6P
   Surface Mount P-Channel Enhancement Mode MOSFET
WT9435M WEITRON-WT9435M Datasheet
427Kb / 6P
   Surface Mount P-Channel Enhancement Mode MOSFET
WTU1333 WEITRON-WTU1333 Datasheet
3Mb / 6P
   Surface Mount P-Channel Enhancement Mode MOSFET
WT3401 WEITRON-WT3401 Datasheet
170Kb / 6P
   Surface Mount P-Channel Enhancement Mode MOSFET
WTK9435 WEITRON-WTK9435 Datasheet
1Mb / 6P
   Surface Mount P-Channel Enhancement Mode MOSFET
logo
Central Semiconductor C...
CMPDM8120 CENTRAL-CMPDM8120_15 Datasheet
330Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE MOSFET
logo
Weitron Technology
WTC1333 WEITRON-WTC1333 Datasheet
2Mb / 6P
   Surface Mount P-Channel Enhancement Mode MOSFET
WTK6679 WEITRON-WTK6679 Datasheet
1Mb / 5P
   Surface Mount P-Channel Enhancement Mode MOSFET
WTK9431 WEITRON-WTK9431 Datasheet
1Mb / 5P
   Surface Mount P-Channel Enhancement Mode MOSFET
WTK4435 WEITRON-WTK4435 Datasheet
1Mb / 6P
   Surface Mount P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com