Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDM4410 Datasheet(PDF) 3 Page - Weitron Technology

Part # SDM4410
Description  Surface Mount N-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SDM4410 Datasheet(HTML) 3 Page - Weitron Technology

  SDM4410 Datasheet HTML 1Page - Weitron Technology SDM4410 Datasheet HTML 2Page - Weitron Technology SDM4410 Datasheet HTML 3Page - Weitron Technology SDM4410 Datasheet HTML 4Page - Weitron Technology SDM4410 Datasheet HTML 5Page - Weitron Technology SDM4410 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
WEITRON
http://www.weitron.com.tw
WT4410M
WE IT R ON
DS
V
, DRAIN-TO-SOURCE VOLTAGE(V)
FIG.1. Output Characteristics
0
5
10
15
20
25
30
1500
1200
900
600
300
0
25
20
15
10
5
0
0.5
0
1
1.5
2
2.5
3
0.030
0.025
0.020
0.015
0.010
0.005
0
0
10
20
5
15
25
20
15
10
5
0
0.0
1.0 2.0
3.0
4.0
5.0 6.0
-50 -25 0 25 50 75 100 125 150
1.15
1.10
1.05
1.00
0.95
0.90
0.85
1.09
1.06
1.03
1.00
0.97
0.94
0.91
-50 -25 0 25 50 75 100 125 150
FIG.2 Transfer Characteristics
FIG.4 On-Resistance Variation with
Drain Current and Temperature
FIG.3 Capacitance
Coss
Ciss
Crss
-55 C
-55 C
25 C
25 C
V
, GATE-TO-SOURCE VOLTAGE(V)
GS
V
, DRAIN-TO-SOURCE VOLTAGE(V)
DS
I , DRAIN CURRENT(A)
D
FIG.5 Gate Threshold Variation
with Temperature
FIG.6 Breakdown Voltage Variation
with Temperature
T ,JUNCTION TEMPERATURE( C)
j
T ,JUNCTION TEMPERATURE( C)
j
V =10,9,8,7,6,5,4V
GS
V =3V
GS
T =125 C
j
T =125 C
j
V =10V
GS
V =V
DS
I =250uA
D
GS
I =-250uA
D
3/6
01-Jul-05


Similar Part No. - SDM4410

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
SDM4410 SAMHOP-SDM4410 Datasheet
386Kb / 5P
   N-Channel E nhancement Mode F ield E ffect Transistor
logo
VBsemi Electronics Co.,...
SDM4410 VBSEMI-SDM4410 Datasheet
1,006Kb / 9P
   N-Channel 20V (D-S) MOSFET
logo
SHENZHEN DOINGTER SEMIC...
SDM4410 DOINGTER-SDM4410 Datasheet
1Mb / 4P
   N-Channel MOSFET uses advanced trench technology
logo
SamHop Microelectronics...
SDM4410 SAMHOP-SDM4410_09 Datasheet
131Kb / 7P
   N-Channel E nhancement Mode F ield E ffect Transistor
More results

Similar Description - SDM4410

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT2300 WEITRON-WT2300 Datasheet
158Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT6920AM WEITRON-WT6920AM Datasheet
239Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WTK9410 WEITRON-WTK9410 Datasheet
903Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WTK4424 WEITRON-WTK4424 Datasheet
382Kb / 5P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT2306 WEITRON-WT2306 Datasheet
171Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT3402 WEITRON-WT3402 Datasheet
173Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
logo
Central Semiconductor C...
CMPDM7002A CENTRAL-CMPDM7002A Datasheet
100Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SURFACE MOUNT MOSFET
logo
Weitron Technology
WT4884AM WEITRON-WT4884AM Datasheet
260Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WTK6680 WEITRON-WTK6680 Datasheet
688Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT7822AM WEITRON-WT7822AM Datasheet
295Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com