Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WT3402 Datasheet(PDF) 4 Page - Weitron Technology

Part # WT3402
Description  Surface Mount N-Channel Enhancement Mode MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WT3402 Datasheet(HTML) 4 Page - Weitron Technology

  WT3402 Datasheet HTML 1Page - Weitron Technology WT3402 Datasheet HTML 2Page - Weitron Technology WT3402 Datasheet HTML 3Page - Weitron Technology WT3402 Datasheet HTML 4Page - Weitron Technology WT3402 Datasheet HTML 5Page - Weitron Technology WT3402 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
WEITRON
http://www.weitron.com.tw
WT-3402
WE IT R ON
FIG.7 Transconductance Variation
with Drain Current
FIG.9 Gate Charge
FIG.10 Maximum Safe Operating Area
FIG.8 Body Diode Forward Voltage
Variation with Source Current
I
,DRAIN-SOURCE CURRENT(A)
Q ,TOTAL GATE CHARGE(nC)
V
,BODY DIODE FORWARD VOLTAGE(V)
DS
V
,DRAIN-SOURCE CURRENT(V)
DS
SD
g
20
10
1
0.4
0.6
0.8
1.0
1.2
1.4
8
10
6
4
2
0
0
2
4
6
8
10
12
14
16
50
10
1
0.1
0.03
0.1
1
10
20
50
20
16
12
8
24
0
0
5
10
15
20
25
4
FIG.11 Switching Test Circuit
FIG.12 Switching Waveforms
V
=5V
DS
T =25 C
J
I =4.6A
D
V
=15V
DS
1
R D
S (O
N)
Lim
it
10m
s
100
ms
1s
DC
T =25 C
C
V
=10V
Single Pulse
GS
V DD
R
D
V
V
R
S
V
G
G S
IN
G E N
OUT
L
t
V
V
t
t
d(on)
OUT
IN
on
r
10%
td(off)
90%
10%
10%
50%
50%
90%
toff
tf
90%
PULS E WIDTH
INVE R TE D


Similar Part No. - WT3402

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT3401 WEITRON-WT3401 Datasheet
170Kb / 6P
   Surface Mount P-Channel Enhancement Mode MOSFET
More results

Similar Description - WT3402

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WT2300 WEITRON-WT2300 Datasheet
158Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT4410M WEITRON-WT4410M Datasheet
458Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT6920AM WEITRON-WT6920AM Datasheet
239Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WTK9410 WEITRON-WTK9410 Datasheet
903Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WTK4424 WEITRON-WTK4424 Datasheet
382Kb / 5P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT2306 WEITRON-WT2306 Datasheet
171Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
logo
Central Semiconductor C...
CMPDM7002A CENTRAL-CMPDM7002A Datasheet
100Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SURFACE MOUNT MOSFET
logo
Weitron Technology
WT4884AM WEITRON-WT4884AM Datasheet
260Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WTK6680 WEITRON-WTK6680 Datasheet
688Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
WT7822AM WEITRON-WT7822AM Datasheet
295Kb / 6P
   Surface Mount N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com