Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

251B00F253C3NB Datasheet(PDF) 2 Page - CTS Corporation

Part # 251B00F253C3NB
Description  Long life, 9mm diameter, composition element, variable resistor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

251B00F253C3NB Datasheet(HTML) 2 Page - CTS Corporation

  251B00F253C3NB Datasheet HTML 1Page - CTS Corporation 251B00F253C3NB Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CTS SERIES 251
Part Number Code For Ordering
Order Information
251
B
00
0
254
A
1
N
1
“T” Shaft Trim
“F” Shaft Trim
No Shaft
Order From:
CTS CORPORATION, ELECTROCOMPONENTS / 1601 Mishawaka Street / Elkhart, Indiana 46514
North America Toll Free (888) 287-4690 / (219) 296-6700 / FAX: (219) 293-1240
http://www.ctscorp.com
CTS COMPONENTS TAIWAN, LTD. / 7, Central 6th Road (Chung Liu Road) / P.O. Box 26-20
Kaohsiung Export Processing Zone / Kaohsiung, Taiwan, Rep. of China
(07) 8216145 / FAX: (07) 8417642.8110040
5M-3-99
I
Terminal Type
B-Straight P.C.
“L” Shafts Length
00 - No shaft
12 - 12 mm
15 - 15 mm
Shafts Trim
0 - No shaft
F - 5 mm dia flatted
thickness 3.5 mm
T - 4 mm dia flatted
thickness 3.45 mm
Resistance Code Examples
Code
Resistance
252
2.5K
253
25K
254
250K
255
2.5Meg
Resistance Tol
A: ± 10%
B: ± 20%
C: ± 30%
Specials
1 - None
B - W/bushing
Resistance Tap
N: No center tap
T: 4° tap at center
Effective Angle
1- 40°
2- 50°
3- 60°
4- 38°
5- 110°
6- 85°
7- 70°
8-
9- 90°
DIMENSION:
MM
INCH
DIMENSION:
MM
INCH
DIMENSION:
MM
INCH
Mounting Hole Detail
Mounting Hole Detail
Hole Placement Detail
View from pot mounting side


Similar Part No. - 251B00F253C3NB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
251B00F253C3NB CTS-251B00F253C3NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
More results

Similar Description - 251B00F253C3NB

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
251B12F103B1NB CTS-251B12F103B1NB Datasheet
269Kb / 2P
   Long Life 9mm Carbon Composition Rotary Potentiometer
290T220R103B11 CTS-290T220R103B11 Datasheet
285Kb / 2P
   Long Life 24mm Diameter Carbon Composition Rotary Potentiometer
logo
TT Electronics.
P232 TTELEC-P232 Datasheet
607Kb / 3P
   Long life element
logo
CTS Corporation
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
450 CTS-450 Datasheet
65Kb / 2P
   Industrial 15/16 (24mm) diameter 1/2 watt composition variable resistor
logo
ALPS ELECTRIC CO.,LTD.
RK09Y11L ALPS-RK09Y11L Datasheet
114Kb / 2P
   9mm Size Insulated Shaft Long-life Type
logo
CTS Corporation
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
logo
TOCOSAMERICA, INC.
TP96N93 TOCOS-TP96N93 Datasheet
491Kb / 2P
   Long Life 9mm Square, Single-Turn, Carbon Panel Controls
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com