Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WBDL301 Datasheet(PDF) 2 Page - Weitron Technology

Part # WBDL301
Description  Surface Monut Schottky Barrier Diode Silicon Hot-Carrier Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

WBDL301 Datasheet(HTML) 2 Page - Weitron Technology

  WBDL301 Datasheet HTML 1Page - Weitron Technology WBDL301 Datasheet HTML 2Page - Weitron Technology WBDL301 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MAXIMUM RATINGS (TJ = 125˚C unless otherwise noted)
Characteristics
Symbol
Value
Unit
Reverse Voltage
Thermal Resistance Junction to Ambient
Total Device Dissipation FR-5 Board(1), TA=25°C
Derate above 25°C
Junction and Storage Temperature Range
Note: FR-5 Minimum Pad
PD
CT
VR
RθJA
TJ, Tstg
30
200
1.57
635
-55 to +150
V
mW
mW/°C
ELECTRICAL CHARACTERISTICS
Characteristics
Symbol
Unit
Maximum instantneous Forward Voltage
IF=1.0mA
IF=10mA
Reverse Leakage
VR = 25V
VR = 15V, f = 1.0MHz
WBDL301
VF
IR
1.5
0.45
0.60
0.38
0.52
200
13
V
V
nA
pF
http://www.weitron.com.tw
WBDL301
W
WE
EIIT
TR
RO
ON
N
Min
Typ
Max
Reverse Breakdown Voltage
IR = 10µA
Diode Capacitance
V(BR)R
30
-
-
-
-
-
0.9
2/3
25-Oct-05
°C
°C/W
Device Marking
Item
Marking
Eqivalent Circuit Diagram
4T
1
2


Similar Part No. - WBDL301

ManufacturerPart #DatasheetDescription
logo
IRC - a TT electronics ...
WBD-DSOT143-00-1002-1002 IRCTT-WBD-DSOT143-00-1002-1002 Datasheet
338Kb / 3P
   Wire Bondable Voltage Divider Network
WBD-DSOT143-01-1002-1002 IRCTT-WBD-DSOT143-01-1002-1002 Datasheet
338Kb / 3P
   Wire Bondable Voltage Divider Network
WBD-DSOT143-02-1002-1002 IRCTT-WBD-DSOT143-02-1002-1002 Datasheet
338Kb / 3P
   Wire Bondable Voltage Divider Network
WBD-DSOT143-03-1002-1002 IRCTT-WBD-DSOT143-03-1002-1002 Datasheet
338Kb / 3P
   Wire Bondable Voltage Divider Network
WBD-DSOT23-00-1002-1002 IRCTT-WBD-DSOT23-00-1002-1002 Datasheet
338Kb / 3P
   Wire Bondable Voltage Divider Network
More results

Similar Description - WBDL301

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
MMBD301LT1 LRC-MMBD301LT1 Datasheet
54Kb / 2P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
ON Semiconductor
MBD701 ONSEMI-MBD701_09 Datasheet
128Kb / 4P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
March, 2009 ??Rev. 5
logo
Leshan Radio Company
LMBD301LT1 LRC-LMBD301LT1 Datasheet
87Kb / 3P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
LMBD301LT1G LRC-LMBD301LT1G Datasheet
110Kb / 3P
   Silicon Hot-Carrier Diodes Schottky Barrier Diodes
logo
Weitron Technology
WSD500H WEITRON-WSD500H Datasheet
171Kb / 3P
   Surface Monut Schottky Barrier Diode
WSD501H WEITRON-WSD501H Datasheet
236Kb / 3P
   Surface Monut Schottky Barrier Diode
WBD301 WEITRON-WBD301 Datasheet
278Kb / 3P
   Surface Monut Schottky Barrier Diode
logo
ON Semiconductor
MMBD452LT1G ONSEMI-MMBD452LT1G_09 Datasheet
124Kb / 3P
   Dual Hot-Carrier Diodes Schottky Barrier Diodes
August, 2009 ??Rev. 4
logo
Leshan Radio Company
LMDL301T1G LRC-LMDL301T1G Datasheet
135Kb / 3P
   Silicon Hot?밅arrier Diodes Schottky Barrier Diode
logo
ON Semiconductor
MBD301G ONSEMI-MBD301G Datasheet
135Kb / 5P
   Silicon Hot-Carrier Diodes
August, 2009 ??Rev. 5
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com