Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE43CA Datasheet(PDF) 1 Page - Weitron Technology

Part # P6KE43CA
Description  600W Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

P6KE43CA Datasheet(HTML) 1 Page - Weitron Technology

  P6KE43CA Datasheet HTML 1Page - Weitron Technology P6KE43CA Datasheet HTML 2Page - Weitron Technology P6KE43CA Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
P6KE 6.8(C)A thru
WEITRON
http://www.weitron.com.tw
Mechanical Data
Feature:
600W
A
Peak Pulse Power
600 Watt
Stand-off Voltage
6.8 To 440 VOLTS
Transient Voltage Suppressors
* 600 Watt Peak Power Dissipation
* Glass Passivated Die Construction
* Excellent Clamping Capability Fast Response Time
* High Temperat Soldering Guaranteed : 265 C/10 sec/.375."
* Case: JEDEC DO-15 molded Plastic.
* Polarity: Color Band Denotes Cathode Except Bipolar
* Mounting Position: Any
* Weight: 0.4grams(approx), 0.015ounce.
Characteristics
Peak Pulse Power Dissipation at T =25 C, tp=1.0 ms
Steady State Power Dissipation at TL=75 C
Peak Forward Surge Current 8.3ms Single
Half Sine-Wave, Superimposed on Rated
Load(JEDEC Method)
Operating and Storage Junction Temperature
Range
Symbol
Value
Unit
PPPM
PM(AV)
I FSM
Tj,T STG
600
100
-55 to -175
W
W
A
C
NOTE: 1. Non-Repetitive Current Pulse, per Fig3 and Derated
2. Mounted on Copper Pads Area of 1.6 1.6"(40 40mm) per FIG.5.
3. 8.3ms Single Half Sine-Wave, or equivalent Square
above TA=25 C per Fig2
Wave, Duty Cycle=4 pulses per minutes Maximum.
Maximum Ratings (T =25 C Unless otherwise Noted)
P6KE 440(C)A
(9.5mm) Lead Length, 51bs., (2.3kg) Tension.
* Terminals: Axial Leads, Solderable per MIL-STD-750, Method 2026
(1)
(1)
(3)
A
Lead Lengths .375"(9.5mm)
5
DO-15
(DO-204AC)
Dim
DO-15
Min
Min
Min
Min
25.4
Max
Max
Max
Max
-
A
B
5.8
7.6
C
0.71
0.86
2.6
3.6
D
DO-15 Outline Dimensions
Axial Device


Similar Part No. - P6KE43CA

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE43CA PANJIT-P6KE43CA Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
SUNMATE electronic Co.,...
P6KE43CA SUNMATE-P6KE43CA Datasheet
648Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPERSSOR
logo
TAITRON Components Inco...
P6KE43CA TAITRON-P6KE43CA Datasheet
279Kb / 6P
   600W Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
P6KE43CA YFWDIODE-P6KE43CA Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
Socay Electornics Co., ...
P6KE43CA SOCAY-P6KE43CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Similar Description - P6KE43CA

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
P6KE600C WEITRON-P6KE600C Datasheet
373Kb / 3P
   600W Transient Voltage Suppressors
logo
HuaXinAn Electronics CO...
SMBJ5.0CA HUAXINAN-SMBJ5.0CA_V01 Datasheet
442Kb / 6P
   600W Transient Voltage Suppressors
P6KE6.8CA HUAXINAN-P6KE6.8CA_V01 Datasheet
360Kb / 5P
   600W Transient Voltage Suppressors
logo
Weitron Technology
P6KE550C WEITRON-P6KE550C Datasheet
63Kb / 2P
   600W Transient Voltage Suppressors
logo
Won-Top Electronics
P6KE WTE-P6KE Datasheet
62Kb / 5P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Zibo Seno Electronic En...
P6KE ZSELEC-P6KE Datasheet
261Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
HuaXinAn Electronics CO...
P6SMB6.8CA HUAXINAN-P6SMB6.8CA Datasheet
437Kb / 5P
   600W Transient Voltage Suppressors
logo
Weitron Technology
SMBJ5.0A WEITRON-SMBJ5.0A Datasheet
214Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
logo
Marl International Limi...
SMBJ440CA MARL-SMBJ440CA_15 Datasheet
138Kb / 6P
   600W Surface Mount Transient Voltage Suppressors
logo
Weitron Technology
P6SMB WEITRON-P6SMB_07 Datasheet
1Mb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com