Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUDZS7.5B Datasheet(PDF) 4 Page - Weitron Technology

Part # LUDZS7.5B
Description  Surface Mount Zener Diodes
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

LUDZS7.5B Datasheet(HTML) 4 Page - Weitron Technology

  LUDZS7.5B Datasheet HTML 1Page - Weitron Technology LUDZS7.5B Datasheet HTML 2Page - Weitron Technology LUDZS7.5B Datasheet HTML 3Page - Weitron Technology LUDZS7.5B Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
WEITRON
WEITRON
http://www.weitron.com.tw
UDZS3.6B series
4/4
06-Jul-06
ELECTRICAL CHARACTERISTIC CURVES (Ta=25 C)
Fig.1 Zener voltage characteristics
0
100n
10µ
100µ
1mA
10mA
100 mA
5
10
15
20
25
30
35
40
ZENER VOLTAGE : VZ
(V)
300
200
100
0
0
50
25
100
150
AMBIENT TEMPERATURE : TA (°C)
Fig.2 Derating curve
Fig.3 Zener voltage-temp.
coefficient characteristics
−0.08
−0.06
−0.04
−0.02
0.00
0.02
0.04
0.06
0.08
0.10
Iz=5mA
Iz=500µA
2
10
20
30
ZENER VOLTAGE : Vz (V)


Similar Part No. - LUDZS7.5B

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LUDZS7.5BT1G LRC-LUDZS7.5BT1G Datasheet
129Kb / 5P
   Zener Voltage Regulators
LUDZS7.5BT1G LRC-LUDZS7.5BT1G Datasheet
133Kb / 5P
   High demand voltage range Steady State Power Rating of 200 mW
logo
Shanghai Leiditech Elec...
LUDZS7.5BT1G LEIDITECH-LUDZS7.5BT1G Datasheet
644Kb / 5P
   Zener Voltage Regulators
More results

Similar Description - LUDZS7.5B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com