Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAC45 Datasheet(PDF) 2 Page - Weitron Technology

Part # SAC45
Description  Low Capacitance Tranient Voltage Suppressor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SAC45 Datasheet(HTML) 2 Page - Weitron Technology

  SAC45 Datasheet HTML 1Page - Weitron Technology SAC45 Datasheet HTML 2Page - Weitron Technology SAC45 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Rating(T =25 C Unless otherwise noted)
Characteristic
Peak Pulse Power Disspation with a 10/1000 us waveform
Steady State Power Disspation at TL=75 C with lead lenghts
TJ ,TSTG
Units
A
C
Symbol
Value
WEITRON
SAC 5.0 thru SAC 50
http://www.weitron.com.tw
(1)
(1)
PPPM
I PPM
PM(AV)
Minimum
500
W
or 0.375"(9.5mm)
Peak Pulse Power Surge Current with a 10/1000 us
waveform
FIG3.
Operation Junction and Storage Temperature Range
3
See Table 1
W
Note:
1.Non-repetitive current pulse,per FIG3. and derated above TA= 25 C per FIG2.
-55 to + 175
Electrical Characteristics(T =25 C Unless otherwise noted)
PART
NUMBER
STANDOFF
VOLTAGE
V
BREAKDOWN
VOLTAGE
AT I =1.0mA
AT V
AT
MAXIMUM
MAXIMUM
MAXIMUM
JUNCTION
CAPACITANCE
AT 0 VOLTS
(pF)
WORKING
INVERSE
BLOCKING
VOLTAGE
V
(V)
(V)
(V)
(V)
MAXIMUM MAXIMUM
CLAMPING
VOLTAGE
Vc (V)
PEAK
PULSE
CURRENT
Ipp (A)
Ipp=5.0A
REVERSE
LEAKAGE
I (µA)
INVERSE
BLOCKING
LEAKAGE
CURRENT
I
(mA)
SAC5.0
5.00
7.60
50
75
10.0
44.0
300
1.0
SAC6.0
6.00
7.90
50
75
11.2
41.0
300
1.0
SAC7.0
7.00
8.33
50
75
12.6
38.0
300
1.0
SAC8.0
8.00
8.89
50
75
13.4
36.0
100
1.0
SAC8.5
8.50
9.44
50
75
14.0
34.0
50
1.0
SAC10
10.00
11.10
50
75
16.3
29.0
5
1.0
SAC12
12.00
13.30
50
75
19.0
25.0
5
1.0
SAC15
15.00
16.70
50
75
23.6
20.0
5
1.0
SAC18
18.00
20.00
50
75
28.8
15.0
5
1.0
SAC22
22.00
24.40
50
75
35.4
14.0
5
1.0
SAC26
26.00
28.90
50
75
42.3
11.1
5
1.0
SAC30
30.00
33.30
50
75
48.6
10.0
5
1.0
SAC36
36.00
40.00
50
75
60.0
8.6
5
1.0
SAC45
45.00
50.00
50
150
77.0
6.8
5
1.0
SAC50
51.00
55.50
50
150
88.0
5.8
5
1.0
WM
WM
IB
WIB
VWIB
R
T
V(BR)
PEAK
INVERSE
BLOCKING
VOLTAGE
VPIB
PER FIG.3
100
100
100
100
100
100
100
100
100
100
100
100
100
200
200
A
A


Similar Part No. - SAC45

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SAC45 EIC-SAC45 Datasheet
38Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE VBR : 5.0 - 50 Volts SUPPRESSOR
logo
MERITEK ELECTRONICS COR...
SAC45 MERITEK-SAC45 Datasheet
460Kb / 3P
   Transient Voltage Suppressors
logo
StarHope
SAC45 SPSEMI-SAC45 Datasheet
282Kb / 4P
   Low Capacitance Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 50 Volts 500 Watt Peak Pulse Power
logo
Microsemi Corporation
SAC45 MICROSEMI-SAC45 Datasheet
65Kb / 2P
   LOW CAPACITANCE TRANSIENT ABSORPTION ZENER
logo
Micro Commercial Compon...
SAC45 MCC-SAC45 Datasheet
525Kb / 4P
   500W Low Capacitance Transient Voltage Suppressor
More results

Similar Description - SAC45

ManufacturerPart #DatasheetDescription
logo
Shenzhen Taychipst Elec...
SAC50 TAYCHIPST-SAC50 Datasheet
14Mb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
LCE EIC-LCE Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SACB5.0 PACELEADER-SACB5.0 Datasheet
306Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Central Semiconductor C...
CTLTVS5V0B CENTRAL-CTLTVS5V0B Datasheet
1,001Kb / 6P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Comchip Technology
TV05B5V0P-G COMCHIP-TV05B5V0P-G Datasheet
113Kb / 5P
   Low Capacitance Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
LCE6.5 MDE-LCE6.5 Datasheet
52Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
SMCJLCE EIC-SMCJLCE Datasheet
128Kb / 4P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
New Jersey Semi-Conduct...
SAC NJSEMI-SAC Datasheet
161Kb / 2P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
LCE NJSEMI-LCE Datasheet
279Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Taychipst Elec...
LCE6.5A TAYCHIPST-LCE6.5A Datasheet
7Mb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com