Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL14 Datasheet(PDF) 1 Page - Weitron Technology

Part # SL14
Description  Low VF Surface Mount Schottky Barrier Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

SL14 Datasheet(HTML) 1 Page - Weitron Technology

  SL14 Datasheet HTML 1Page - Weitron Technology SL14 Datasheet HTML 2Page - Weitron Technology SL14 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low VF Surface Mount
Schottky Barrier Rectifiers
* Low Surface Mounted Applications
* Metal-Semiconductor Junction with Guardring
* Epitaxial Construction
* Very Low Forward Voltage Drop
* High Current Capability
* Plastic Material Has UL Flammability Classification 94V-0
* For Use in Low Voltage, High Frequency Inverters,
Free Wheeling, and Polarity Protection Applications
* Case : Molded Plastic
* Polarity :Indicated By Cathode Band
* Weight : 0.060 grams
Features:
SL14
Mechanical Data
REVERSE VOLTAGE
40Volts
FORWARD CURRENT
1.0 Ampere
WEITRON
http://www.weitron.com.tw
SMA-1
SMA-1 Outline Dimension
unit:mm
A
C
B
E
H
J
H
4.40
4.80
2.40
2.80
0.30
0.30
E
3.80
4.20
H
1.00
1.00
J
1.50
1.70
A
B
C
SMA-1
Dim
Min
Max
Dimensions in inches


Similar Part No. - SL14

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SL14 PANJIT-SL14 Datasheet
50Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER(VOLTAGE - 20 to 40 Volts CURRENT - 1.0 Ampere)
logo
Galaxy Semi-Conductor H...
SL14 BILIN-SL14 Datasheet
115Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Transys Electronics
SL14 TRSYS-SL14 Datasheet
156Kb / 2P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
SL14 CHENDA-SL14 Datasheet
194Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Formosa MS
SL14 FORMOSA-SL14 Datasheet
67Kb / 2P
   Silicon epitaxial planer type
More results

Similar Description - SL14

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
SL32A WEITRON-SL32A Datasheet
189Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
SL22A WEITRON-SL22A Datasheet
181Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
B140LB WEITRON-B140LB Datasheet
238Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SK1060BM SECOS-SK1060BM Datasheet
299Kb / 2P
   Low VF Surface Mount Schottky Barrier Rectifiers
logo
Weitron Technology
B340LA WEITRON-B340LA_08 Datasheet
411Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
logo
Diodes Incorporated
B240L DIODES-B240L Datasheet
381Kb / 4P
   LOW VF SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
February 2022 Rev. 6 - 2
logo
Weitron Technology
SL12 WEITRON-SL12 Datasheet
207Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
SL14M WEITRON-SL14M Datasheet
334Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
B140L WEITRON-B140L Datasheet
144Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
B240LA WEITRON-B240LA Datasheet
213Kb / 3P
   Low VF Surface Mount Schottky Barrier Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com