Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

212X0102N320RA Datasheet(PDF) 2 Page - CTS Corporation

Part # 212X0102N320RA
Description  CTS 212 Rotary Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

212X0102N320RA Datasheet(HTML) 2 Page - CTS Corporation

  212X0102N320RA Datasheet HTML 1Page - CTS Corporation 212X0102N320RA Datasheet HTML 2Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
DETENT STYLE
30° INDEX
212 – HILL &
VALLEY
CONTACT TYPE
N – NON SHORTING
(BREAK BEFORE MAKE)
S – SHORTING
(MAKE BEFORE BREAK)
SHAFT FMS
1/32" INCREMENTS
20 – .625" (15.9MM)
24 – .750" (19.1MM)
28 – .875" (22.2MM)
32 – 1.000" (25.4MM)
POLES
01 – 1 POLE
10 – 10 POLES
ETC.
TERMINAL STYLE
T – SOLDER LUG
X –PC
U – PC FORMED
TO REAR
P – X STYLE WITH
.100" (2.54MM)
SPACING
SPECIALS
N – NONE
A – ADJUSTABLE
STOP
B – 60˚ INDEX
C – 90˚ INDEX
D – NO
LOCATING
LUG
E – LOCATING
LUG RIGHT
SIDE
SHAFT TRIM
R – ROUND
F – FLATTED .250" X .156"
(6.35MM X 4.0MM)
K – KNURLED EIA S148
S – SD SLOT .047" WIDE X .063" DEEP
(1.2MM X 1.6MM)
M – FLATTED .375” X .218”
(9.53MM X5.54MM) WITH SLOT
POSITIONS
02 – 2 POSITIONS
12 – 12 POSITIONS,
ETC.
MOUNTING STYLE
BUSHING LENGTH:
1/8" INCREMENTS
EXAMPLES:
2 – .250" (6.35MM)
3 – .375" (9.5MM)
BUSHING MOUNT
SUPPLIED WITH
LOCATING LUG
LEFT SIDE
TERMINALS DOWN
Order From:
CTS CORPORATION, ELECTROCOMPONENTS / 1601 Mishawaka Street / Elkhart, Indiana 46514
North America Toll Free (888) 287-4690 / (219) 296-6700 / FAX: (219) 293-1240
http://www.ctscorp.com
CTS COMPONENTS TAIWAN, LTD. / 7, Central 6th Road (Chung Liu Road) / P.O. Box 26-20
Kaohsiung Export Processing Zone / Kaohsiung, Taiwan, Rep. of China
(07) 8216145 / FAX: (07) 8417642.8110040
2.5M-6-99
I
Ordering Information
Physical Dimensions
212
T
01
02
N
2
20
R
N
DIMENSION:
MM
INCH
DIMENSION:
MM
INCH
Available Terminal Styles
Detent Only
Typical Assembled Switch
T-Style
P-Style
X-Style
U-Style


Similar Part No. - 212X0102N320RA

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
212X01N220FD1 CTS-212X01N220FD1 Datasheet
1Mb / 3P
   CTS 212 Rotary Switches
212X01N220FD2 CTS-212X01N220FD2 Datasheet
1Mb / 3P
   CTS 212 Rotary Switches
212X01N220FD3 CTS-212X01N220FD3 Datasheet
1Mb / 3P
   CTS 212 Rotary Switches
212X01N220FN1 CTS-212X01N220FN1 Datasheet
1Mb / 3P
   CTS 212 Rotary Switches
212X01N220FN2 CTS-212X01N220FN2 Datasheet
1Mb / 3P
   CTS 212 Rotary Switches
More results

Similar Description - 212X0102N320RA

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
212 CTS-212_07 Datasheet
1Mb / 3P
   CTS 212 Rotary Switches
227 CTS-227 Datasheet
490Kb / 3P
   CTS 227 Rotary Switches
logo
Lorlin Electronics Ltd.
BCK LORLIN-BCK Datasheet
711Kb / 2P
   ROTARY SWITCH
logo
Omron Electronics LLC
A6RV OMRON-A6RV Datasheet
1Mb / 6P
   Rotary DIP Switch
logo
OEN India Limited
OENCK OENINDIA-OENCK Datasheet
709Kb / 2P
   MINIATURE ROTARY SWITCH
logo
CUI INC
RDS-74R-254 CUI-RDS-74R-254 Datasheet
376Kb / 4P
   ROTARY DIP SWITCH
RDS-74385-45A-SMT CUI-RDS-74385-45A-SMT Datasheet
459Kb / 5P
   ROTARY DIP SWITCH
RDS-1055 CUI-RDS-1055 Datasheet
336Kb / 4P
   ROTARY DIP SWITCH
logo
List of Unclassifed Man...
FR02 ETC-FR02 Datasheet
2Mb / 7P
   dip rotary switch
logo
Lorlin Electronics Ltd.
RAAAAAAAAAAAAA LORLIN-RAAAAAAAAAAAAA Datasheet
900Kb / 3P
   RA ROTARY SWITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com