Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBZ5258B Datasheet(PDF) 5 Page - Weitron Technology

Part # MMBZ5258B
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBZ5258B Datasheet(HTML) 5 Page - Weitron Technology

  MMBZ5258B Datasheet HTML 1Page - Weitron Technology MMBZ5258B Datasheet HTML 2Page - Weitron Technology MMBZ5258B Datasheet HTML 3Page - Weitron Technology MMBZ5258B Datasheet HTML 4Page - Weitron Technology MMBZ5258B Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
T Y P IC A L C HA R A C T E R IS T IC S
V Z, NOMINAL ZE NE R VOL
TAG E (V)
±3
±2
±1
0
1
2
3
4
5
6
7
8
12
11
10
9
8
7
6
5
4
3
2
F igure 1. Temperature C oefficients
(Temperature R ange ± 5
5 C to +150 C )
T Y P IC A L TC VAL UE S
F OR MMB Z5221B LT 1 S E R IE S
VZ @ IZT
100
10
1
10
100
V Z, NOMINAL ZE NE R VOLTAG E (V)
F igure 2. Temperature C oeffic ients
(Temperature R ange ± 5
5 C to +150 C )
T Y P IC A L TC VAL UE S
F OR MMB Z5221B LT 1 S E R IE S
VZ @ IZT
100
V Z, NOMINAL ZE NE R VOLTAG E
F igure 3. E ffect of Zener V
oltage on
Zener Impedance
10
1
1000
100
10
1
T J = 25 C
IZ(AC) = 0.1 I
Z( DC )
f = 1 kHz
IZ = 1 mA
5 mA
20 mA
V F, FORWAR D VOLTAG E (V)
F igure 4. Typical F orward Voltage
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1
75 V (MMB Z5267B L
T 1)
91 V (MMB Z5270B L
T 1)
150 C
75 C 25 C
0 C
WEITRON
http://www.weitron.com.tw
MMBZ5221B Series
WE IT R ON


Similar Part No. - MMBZ5258B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MMBZ5258B PANJIT-MMBZ5258B Datasheet
132Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diodes Incorporated
MMBZ5258B DIODES-MMBZ5258B Datasheet
88Kb / 5P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 21 - 2
logo
Semtech Corporation
MMBZ5258B SEMTECH-MMBZ5258B Datasheet
239Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Diodes Incorporated
MMBZ5258B DIODES-MMBZ5258B Datasheet
66Kb / 3P
   350mW SURFACE MOUNT ZENER DIODE
DS18011 Rev. 7 - 2
logo
Pan Jit International I...
MMBZ5258B PANJIT-MMBZ5258B Datasheet
106Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMBZ5258B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com