Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P600G Datasheet(PDF) 1 Page - Weitron Technology

Part # P600G
Description  6.0 Amp Silicon Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

P600G Datasheet(HTML) 1 Page - Weitron Technology

  P600G Datasheet HTML 1Page - Weitron Technology P600G Datasheet HTML 2Page - Weitron Technology P600G Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
* Case : Molded plastic.
* Epoxy : UL 94V-0 rate flame retardant.
* Lead : Axial leads, solderable per MIL-STD-202, method 208 guranteed.
* Polarity : Color band denotes cathode end
* Mounting position : Any
* Weight : 1.65 grams
* Low forward voltage drop
* High current capability
* High reliability
* High surge current capability
6.0 Amp Silicon Rectifiers
Mechanical Data:
Features:
R-6 Outline Dimensions
25.4
-
8.6
9.1
1.2
1.3
8.6
9.1
P600A thru P600M
REVERSE VOLTAGE
50 TO 1000 VOLTS
FORWARD CURRENT
6.0 AMPERES
R-6
Lead(Pb)-Free
P b
http://www.weitron.com.tw
WEITRON
1/3
16-Dec-03


Similar Part No. - P600G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P600G PANJIT-P600G Datasheet
50Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 6.0 Amperes)
logo
SUNMATE electronic Co.,...
P600G SUNMATE-P600G Datasheet
87Kb / 2P
   6.0A Axial Leaded Rectifier
logo
Taiwan Semiconductor Co...
P600G TSC-P600G Datasheet
66Kb / 2P
   6.0 AMPS Silicon Rectifiers
logo
Gulf Semiconductor
P600G GULFSEMI-P600G Datasheet
180Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 6.0A
logo
Transys Electronics
P600G TRSYS-P600G Datasheet
144Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
More results

Similar Description - P600G

ManufacturerPart #DatasheetDescription
logo
Bytes
6A05 BYTES-6A05 Datasheet
150Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Nanjing International G...
60S05-60S10 DGNJDZ-60S05-60S10 Datasheet
286Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Shenzhen Yixinwei Techn...
6A1 YIXIN-6A1 Datasheet
251Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Formosa MS
6A05 FORMOSA-6A05 Datasheet
34Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
6A05 GWSEMI-6A05 Datasheet
67Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Nanjing International G...
6A05 DGNJDZ-6A05 Datasheet
324Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
TAITRON Components Inco...
T6A05L TAITRON-T6A05L Datasheet
178Kb / 5P
   6.0 Amp Silicon Rectifiers
logo
Shenzhen Yixinwei Techn...
6A10 YIXIN-6A10 Datasheet
251Kb / 2P
   6.0 AMP SILICON RECTIFIERS
6A10 YIXIN-6A10_00 Datasheet
274Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Gaomi Xinghe Electronic...
6A05 GXELECTRONICS-6A05 Datasheet
434Kb / 2P
   6.0 AMP SILICON RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com