Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5134DW Datasheet(PDF) 8 Page - Weitron Technology

Part # MUN5134DW
Description  Dual Bias Resistor Transistor PNP Silicon
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN5134DW Datasheet(HTML) 8 Page - Weitron Technology

Back Button MUN5134DW Datasheet HTML 4Page - Weitron Technology MUN5134DW Datasheet HTML 5Page - Weitron Technology MUN5134DW Datasheet HTML 6Page - Weitron Technology MUN5134DW Datasheet HTML 7Page - Weitron Technology MUN5134DW Datasheet HTML 8Page - Weitron Technology MUN5134DW Datasheet HTML 9Page - Weitron Technology MUN5134DW Datasheet HTML 10Page - Weitron Technology MUN5134DW Datasheet HTML 11Page - Weitron Technology MUN5134DW Datasheet HTML 12Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
WEITRON
http://www.weitron.com.tw
MUN5111DW Series
WE IT R ON
10
1
0.1
0
10
20
30
40
50
FIG.21 Input Voltage versus Output Current
IC , COLLECTOR CURRENT (mA)
VO = 0.2 V
25 C
TA = -25 C
75 C
FIG.17 VCE(sat) versus IC
IC , COLLECTOR CURRENT (mA)
0
20
40
60
80
1
0.1
0.01
0.001
25 C
IC/IB= 10
TA = -25 C
75 C
FIG.18 DC Current Gain
1
10
100
IC , COLLECTOR CURRENT (mA)
-25 C
25 C
TA = 75 C
VCE = 10 V
180
160
140
120
100
80
60
40
20
0
2
4
6
8
15 20 40 50 60 70 80 90
100
10
1
0
2
4
6
8
10
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
0
2
4
6
8
10
15 20
25 30
35 40
45 50
VR , REVERSE BIAS VOLTAGE (VOLTS)
FIG.19 Output Capacitance
FIG.20 Output Current versus Input Voltage
Vin , INPUT VOLTAGE (VOLTS)
f = 1 MHz
lE = 0 V
TA = 25 C
TA = 75 C
25 C
-25 C
VO = 5 V
MUN5111DW Series
TYPICAL ELECTRICAL CHARACTERISTICS-MUN5114DW


Similar Part No. - MUN5134DW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN5134DW WEITRON-MUN5134DW Datasheet
379Kb / 12P
   Dual Bias Resistor Transistor
logo
Yea Shin Technology Co....
MUN5134DW YEASHIN-MUN5134DW Datasheet
1Mb / 12P
   Dual Bias Resistor Transistors
MUN5134DW YEASHIN-MUN5134DW Datasheet
1Mb / 12P
   Dual Bias Resistor Transistors
logo
ON Semiconductor
MUN5134DW1 ONSEMI-MUN5134DW1 Datasheet
111Kb / 6P
   Dual PNP Bias Resistor Transistors
September, 2012 ??Rev. 0
logo
Motorola, Inc
MUN5134DW1T1 MOTOROLA-MUN5134DW1T1 Datasheet
216Kb / 12P
   Dual Bias Resistor Transistors
More results

Similar Description - MUN5134DW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN5311DW WEITRON-MUN5311DW Datasheet
1Mb / 29P
   Dual Bias Resistor Transistor NPNPNP Silicon
MUN2111 WEITRON-MUN2111 Datasheet
271Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com