Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5232 Datasheet(PDF) 1 Page - Weitron Technology

Part # MUN5232
Description  NPN Silicon Bias Resistor Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN5232 Datasheet(HTML) 1 Page - Weitron Technology

  MUN5232 Datasheet HTML 1Page - Weitron Technology MUN5232 Datasheet HTML 2Page - Weitron Technology MUN5232 Datasheet HTML 3Page - Weitron Technology MUN5232 Datasheet HTML 4Page - Weitron Technology MUN5232 Datasheet HTML 5Page - Weitron Technology MUN5232 Datasheet HTML 6Page - Weitron Technology MUN5232 Datasheet HTML 7Page - Weitron Technology MUN5232 Datasheet HTML 8Page - Weitron Technology MUN5232 Datasheet HTML 9Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
NPN Silicon Bias Resistor Transistor
Collector-Emitter Voltage
Symbol
VCEO
Value
50
Unit
Rating
IC
VCBO
50
mAdc
Vdc
Vdc
Collector Current-Continuous
100
MUN5211 Series
http://www.weitron.com.tw
WEITRON
Maximum Ratings (TA=25 C unless otherwise noted)
Total Device Dissipation FR-5 Board
(1)TA=25 C
Derate above 25 C
Thermal Resistance, Junction to Ambient
Junction and Storage,Temperature Range
Characteristics
TJ,Tstg
R JA
PD
Symbol
Max
Unit
mW
mW/ C
C/W
C
Thermal Characteristics
Device Marking and Resistor Values
(1)
202
1.6
618
-55 to +150
SOT-323(SC-70)
1
2
3
R1
R2
Collector-Base Voltage
1.FR-4 @ minimum pad
2.FR-4 @ 1.0 1.0 inch Pad
Device
MUN5211
MUN5212
MUN5213
MUN5214
MUN5215
MUN5216
MUN5230
Marking
R1(K)
R2(K)
8A
8B
8C
8D
8E
8F
8G
10
22
47
10
10
4.7
1.0
10
22
47
47
1.0
Device
MUN5231
MUN5232
MUN5233
MUN5234
MUN5235
MUN5236
MUN5237
Marking
R1(K)
R2(K)
8H
8J
8K
8L
8M
8N
8P
2.2
4.7
4.7
22
2.2
100
47
2.2
4.7
47
47
47
100
22
l
Lead(Pb)-Free
P b
1/9
Rev.A 30-Dec-05


Similar Part No. - MUN5232

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MUN5232 ONSEMI-MUN5232 Datasheet
179Kb / 10P
   Dual Bias Resistor Transistors
December, 2003 ??Rev. 5
MUN5232 ONSEMI-MUN5232 Datasheet
140Kb / 12P
   Digital Transistors (BRT) R1 = 4.7 k, R2 = 4.7 k
August, 2012 ??Rev. 0
MUN5232 ONSEMI-MUN5232 Datasheet
149Kb / 12P
   NPN Transistors with Monolithic Bias Resistor Network
March, 2013 ??Rev. 2
MUN5232 ONSEMI-MUN5232 Datasheet
139Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 3
logo
Yea Shin Technology Co....
MUN5232 YEASHIN-MUN5232 Datasheet
936Kb / 10P
   Bias Resistor Transistor
More results

Similar Description - MUN5232

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MMUN2211 WEITRON-MMUN2211 Datasheet
438Kb / 10P
   Bias Resistor Transistor NPN Silicon
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com