Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P600B Datasheet(PDF) 2 Page - Weitron Technology

Part # P600B
Description  6.0 Amp Silicon Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

P600B Datasheet(HTML) 2 Page - Weitron Technology

  P600B Datasheet HTML 1Page - Weitron Technology P600B Datasheet HTML 2Page - Weitron Technology P600B Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Maximum Ratings and Electrical Characteristics
Characteristics
Symbol
Unit
V
V
V
A
A
V
µA
˚C
˚C
Rating 25˚C Ambient Temperature Unless Otherwise Specified.
Single Phase Half Wave, 60Hz , Resistive or Inductive Load.
For Capacitive Load, Derate Current by 20%.
IF(AV)
IFSM
VF
IR
CJ
TJ
TSTG
-65 to +175
-65 to +175
˚C/W
1. Measured at 1.0MHz applied reverse voltage of 4.0V D.C.
2. Thermal Resistance from Junction to Ambient .375”(9.5mm) lead length.
10.0
400
100
10
pF
RθJA
NOTES:
800
560
800
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
1000
700
1000
6.0
400
0.95
P600A P600B P600D P600G P600J P600K P600M
P600A thru P600M
http://www.weitron.com.tw
WEITRON
2/3
16-Dec-03
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
.375”(9.5m) Lead length at TA=60˚C
Storage Temperature Range
Operating Temperature Range
Typical Thermal Resistance (Note 2)
Typical Junction Capacitance (Note 1)
Maximum DC Reverse Current @Tj=25˚C
At Rated DC Blocking Voltage @Tj=100˚C
Maximum Instantaneous at 6.0A DC
Peak Forward Surge Current,
8.3 ms Single Half Sine-Wave
Superimposed on Rated Load (JEDEC Method)
VRRM
VDC
VRMS


Similar Part No. - P600B

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P600B PANJIT-P600B Datasheet
50Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 6.0 Amperes)
logo
Vishay Siliconix
P600B VISHAY-P600B Datasheet
80Kb / 5P
   General Purpose Plastic Rectifier
Revision: 13-Aug-13
logo
Taiwan Semiconductor Co...
P600B TSC-P600B Datasheet
66Kb / 2P
   6.0 AMPS Silicon Rectifiers
logo
EIC discrete Semiconduc...
P600B EIC-P600B Datasheet
99Kb / 2P
   SILICON RECTIFIER DIODES
logo
Transys Electronics
P600B TRSYS-P600B Datasheet
144Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
More results

Similar Description - P600B

ManufacturerPart #DatasheetDescription
logo
Bytes
6A05 BYTES-6A05 Datasheet
150Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Nanjing International G...
60S05-60S10 DGNJDZ-60S05-60S10 Datasheet
286Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Shenzhen Yixinwei Techn...
6A1 YIXIN-6A1 Datasheet
251Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Formosa MS
6A05 FORMOSA-6A05 Datasheet
34Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Goodwork Semiconductor ...
6A05 GWSEMI-6A05 Datasheet
67Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Nanjing International G...
6A05 DGNJDZ-6A05 Datasheet
324Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
TAITRON Components Inco...
T6A05L TAITRON-T6A05L Datasheet
178Kb / 5P
   6.0 Amp Silicon Rectifiers
logo
Shenzhen Yixinwei Techn...
6A10 YIXIN-6A10 Datasheet
251Kb / 2P
   6.0 AMP SILICON RECTIFIERS
6A10 YIXIN-6A10_00 Datasheet
274Kb / 2P
   6.0 AMP SILICON RECTIFIERS
logo
Gaomi Xinghe Electronic...
6A05 GXELECTRONICS-6A05 Datasheet
434Kb / 2P
   6.0 AMP SILICON RECTIFIERS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com