Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN2136 Datasheet(PDF) 8 Page - Weitron Technology

Part # MUN2136
Description  Bias Resistor Transistor PNP Silicon
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN2136 Datasheet(HTML) 8 Page - Weitron Technology

Back Button MUN2136 Datasheet HTML 4Page - Weitron Technology MUN2136 Datasheet HTML 5Page - Weitron Technology MUN2136 Datasheet HTML 6Page - Weitron Technology MUN2136 Datasheet HTML 7Page - Weitron Technology MUN2136 Datasheet HTML 8Page - Weitron Technology MUN2136 Datasheet HTML 9Page - Weitron Technology MUN2136 Datasheet HTML 10Page - Weitron Technology MUN2136 Datasheet HTML 11Page - Weitron Technology MUN2136 Datasheet HTML 12Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
WEITRON
http://www.weitron.com.tw
MUN2111DW Series
WE IT R ON
TYPICAL ELECTRICAL CHARACTERISTICS-MUN2114
MUN2111 Series
10
1
0.1
01
0
20
30
40
50
100
10
1
0
2
4
6
8
10
4.5
4
3.5
3
2.5
2
1.5
1
0.5
0
0 2 4 6 8
10 15 20 25 30 35 40 45 50
FIG.18 VCE(sat) vs. IC
0
20
40
60
80
FIG.19 DC Current Gain
FIG.20 Output Capacitance
FIG.21 Output Current vs. Input Votlage
FIG.22 Input Voltage vs. Output Current
1
0.1
0.01
0.001
1
0
180
160
140
120
100
80
60
40
20
0
2 4 6 8
1
1
5 20 40 50 60 70 80 90 100
C
I , COLLECTOR CURRENT(mA)
C
I , COLLECTOR CURRENT(mA)
C
I , COLLECTOR CURRENT(mA)
V ,INPUT VOLTAGE(V)
V ,REVERSE BIAS VOLTAGE(V)
in
R
V =5V
O
V =0.2V
O
V =10V
CE
I /I =10
C B
T =-25 C
a
T =75 C
a
T =75 C
a
f=1MHz
I =0V
T =25 C
a
E
75 C
25 C
-25 C
25 C
-25 C
25 C
75 C
25 C
T =-25 C
a


Similar Part No. - MUN2136

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2136 WEITRON-MUN2136 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MUN2136 ONSEMI-MUN2136 Datasheet
126Kb / 9P
   Digital Transistors (BRT) R1 = 100 k, R2 = 100 k
September, 2012 ??Rev. 1
MUN2136 ONSEMI-MUN2136 Datasheet
166Kb / 10P
   Digital Transistors (BRT)
October, 2016 ??Rev. 4
MUN2136T1 ONSEMI-MUN2136T1 Datasheet
236Kb / 12P
   Bias Resistor Transistor
January, 2005 ??Rev. 14
MUN2136T1 ONSEMI-MUN2136T1 Datasheet
112Kb / 13P
   Bias Resistor Transistors
September, 2006 ??Rev. 17
More results

Similar Description - MUN2136

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
logo
Motorola, Inc
MUN5111T1 MOTOROLA-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
DTA114EE WEITRON-DTA114EE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com