Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN5216DW Datasheet(PDF) 1 Page - Weitron Technology

Part # MUN5216DW
Description  Surface Mount Dual Bias Resistor Transistor NPN Silicon
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN5216DW Datasheet(HTML) 1 Page - Weitron Technology

  MUN5216DW Datasheet HTML 1Page - Weitron Technology MUN5216DW Datasheet HTML 2Page - Weitron Technology MUN5216DW Datasheet HTML 3Page - Weitron Technology MUN5216DW Datasheet HTML 4Page - Weitron Technology MUN5216DW Datasheet HTML 5Page - Weitron Technology MUN5216DW Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Surface Mount Dual Bias Resistor Transistor
NPN Silicon
Maximum Ratings
Collector-Emitter Voltage
Collector-Base Voltage
Symbol
VCEO
VCBO
IC
Value
50
50
100
Unit
Vdc
Vdc
mAdc
Rating
WEITRON
MUN5211DW Series
http://www.weitron.com.tw
Total Device Dissipation TA=25 C
Thermal Resistance, Junction to Ambient
Junction and Storage, Temperature
Characteristics
TJ,Tstg
PD
Symbol
Max
187
256
1.5
2.0
670(2)
490(3)
-55 to +150
Unit
mW
mW/ C
C/W
C
Thermal Characteristics
Device Marking and Resistor Values
R JA
3
4
5
1
2
6
NPN+NPN
Collector Current
θ
(1)
(2)
(3)
(2)
(3)
Device
MUN5211DW
MUN5212DW
MUN5213DW
MUN5214DW
MUN5215DW
MUN5216DW
MUN5230DW
Marking
R1(K)
R2(K)
7A
7B
7C
7D
7E
7F
7G
10
22
47
10
10
4.7
1.0
10
22
47
47
1.0
Device
MUN5231DW
MUN5232DW
MUN5233DW
MUN5234DW
MUN5235DW
MUN5236DW
MUN5237DW
Marking
R1(K)
R2(K)
7H
7J
7K
7L
7M
7N
7P
2.2
4.7
4.7
22
2.2
100
47
2.2
4.7
47
47
47
100
22
1.One Junction Heated
2.FR-4 @ Minimum Pad
3.FR-4 @ 1.0 1.0 Inch Pad
II
SOT-363(SC-88)
1
2
3
6 5
4
Lead(Pb)-Free
P b
1/6
Rev.A 29-Dec-05


Similar Part No. - MUN5216DW

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN5216DW WEITRON-MUN5216DW Datasheet
581Kb / 9P
   Surface Mount Dual Bias Resistor Transistor
logo
Yea Shin Technology Co....
MUN5216DW YEASHIN-MUN5216DW Datasheet
994Kb / 10P
   Dual Bias ResistorTransistors
logo
AiT Semiconductor Inc.
MUN5216DW AITSEMI-MUN5216DW Datasheet
1Mb / 12P
   BIAS RESISTOR TRANSISTOR DUAL NPN WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.0
logo
ON Semiconductor
MUN5216DW1 ONSEMI-MUN5216DW1 Datasheet
111Kb / 6P
   Dual NPN Bias Resistor Transistors
September, 2012 ??Rev. 0
logo
Motorola, Inc
MUN5216DW1T1 MOTOROLA-MUN5216DW1T1 Datasheet
179Kb / 10P
   Dual Bias Resistor Trasnsistors
More results

Similar Description - MUN5216DW

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMUN2211LT1G ONSEMI-MMUN2211LT1G_10 Datasheet
177Kb / 18P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor
October, 2010 ??Rev. 11
logo
Leshan Radio Company
LMUN5211T1 LRC-LMUN5211T1 Datasheet
133Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
Shanghai Leiditech Elec...
LMUN5211T1G LEIDITECH-LMUN5211T1G Datasheet
772Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
DTC144EE LEIDITECH-DTC144EE Datasheet
714Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
logo
ON Semiconductor
DTC144TT1 ONSEMI-DTC144TT1_05 Datasheet
51Kb / 4P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
October, 2005 ??Rev. 2
DTC114EET1 ONSEMI-DTC114EET1_06 Datasheet
92Kb / 11P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
March, 2006 ??Rev. 8
logo
AiT Semiconductor Inc.
MUN2211 AITSEMI-MUN2211 Datasheet
1Mb / 20P
   BIAS RESISTOR TRANSISTOR NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
REV1.2
logo
Leshan Radio Company
LMUN2211LT1 LRC-LMUN2211LT1 Datasheet
133Kb / 11P
   BIAS RESISTOR TRANSISTOR, NPN SILICON SURFACE MOUNT TRANSISTOR WITH MONOLITHIC BIAS RESISTOR NETWORK
logo
First Silicon Co., Ltd
S-LMUN2213LT1G FS-S-LMUN2213LT1G Datasheet
423Kb / 5P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
2017. 05. 10 Revision No : 0
logo
Shanghai Leiditech Elec...
LMUN5232T1G LEIDITECH-LMUN5232T1G Datasheet
925Kb / 10P
   Bias Resistor Transistor NPN Silicon Surface Mount Transistor with Monolithic Bias Resistor Network
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com