Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUN2113 Datasheet(PDF) 10 Page - Weitron Technology

Part # MUN2113
Description  Bias Resistor Transistor PNP Silicon
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MUN2113 Datasheet(HTML) 10 Page - Weitron Technology

Back Button MUN2113 Datasheet HTML 4Page - Weitron Technology MUN2113 Datasheet HTML 5Page - Weitron Technology MUN2113 Datasheet HTML 6Page - Weitron Technology MUN2113 Datasheet HTML 7Page - Weitron Technology MUN2113 Datasheet HTML 8Page - Weitron Technology MUN2113 Datasheet HTML 9Page - Weitron Technology MUN2113 Datasheet HTML 10Page - Weitron Technology MUN2113 Datasheet HTML 11Page - Weitron Technology MUN2113 Datasheet HTML 12Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
WEITRON
http://www.weitron.com.tw
MUN2111 Series
WE IT R ON
TYPICAL ELECTRICAL CHARACTERISTICS-MUN2136
MUN2111 Series
C
R
I , COLLECTOR CURRENT(mA)
V , REVERSE BIAS VOLTAGE(V)
C
I , COLLECTOR CURRENT(mA)
in
V , INPUT VOLTAGE(V)
C
I , COLLECTOR CURRENT(mA)
FIG.28 Maximum Collector Voltage versus
Collector Current
FIG.29 DC Current Gain
FIG.30 Output Capacitance
FIG.31 Output Current Versus Input Voltage
FIG.32 Input Voltage Versus Output Current
1
0.1
7
6
5
4
3
2
1
0
100
10
1
100
10
1
0.01
1000
1.2
0.6
60
50
40
30
20
10
0
0
0.2
0.4
0.8
1.0
100
6
5
4
3
2
1
0
0.1
1
10
10
9
8
7
100
12
10
8
6
4
2
0
1
10
18
16
14
20
75 C
25 C
-25 C
I /I =10
V =10V
V =5V
C B
CE
O
75 C
75 C
25 C
25 C
25 C
75 C
T =-25 C
a
f=1MHz
I =0V
T =25 C
a
E
T =-25 C
a
T =-25 C
a
V =0.2V
O


Similar Part No. - MUN2113

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MUN2113 WEITRON-MUN2113 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MUN2113 ONSEMI-MUN2113 Datasheet
148Kb / 12P
   Digital Transistors (BRT) R1 = 47 k, R2 = 47 k
September, 2012 ??Rev. 1
MUN2113 ONSEMI-MUN2113 Datasheet
113Kb / 12P
   Digital Transistors (BRT) R1 = 47 k, R2 = 47 kA
January, 2015 ??Rev. 4
MUN2113 ONSEMI-MUN2113 Datasheet
202Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 5
logo
Yea Shin Technology Co....
MUN2113 YEASHIN-MUN2113 Datasheet
924Kb / 8P
   PNP Silicon Surface Mount Transistors
More results

Similar Description - MUN2113

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KMUN2114 KEXIN-KMUN2114 Datasheet
234Kb / 2P
   PNP Silicon Bias Resistor Transistor
logo
Weitron Technology
MUN5111 WEITRON-MUN5111 Datasheet
112Kb / 6P
   Bias Resistor Transistor PNP Silicon
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1 Datasheet
188Kb / 12P
   PNP SILICON BIAS RESISTOR TRANSISTOR
November, 2001 ??Rev. 2
logo
Weitron Technology
MMUN2111 WEITRON-MMUN2111 Datasheet
138Kb / 6P
   Bias Resistor Transistor PNP Silicon
MUN2111 WEITRON-MUN2111_09 Datasheet
606Kb / 12P
   Bias Resistor Transistor PNP Silicon
logo
Motorola, Inc
MUN2111T1 MOTOROLA-MUN2111T1 Datasheet
236Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
ON Semiconductor
DTA114E ONSEMI-DTA114E Datasheet
165Kb / 8P
   PNP SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
MUN5111T1 ONSEMI-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
October, 2004 ??Rev. 7
logo
Motorola, Inc
MUN5111T1 MOTOROLA-MUN5111T1 Datasheet
238Kb / 10P
   PNP SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
DTA114EE WEITRON-DTA114EE Datasheet
799Kb / 13P
   Bias Resistor Transistor PNP Silicon
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com