Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMUN2238 Datasheet(PDF) 3 Page - Weitron Technology

Part # MMUN2238
Description  Bias Resistor Transistor NPN Silicon
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMUN2238 Datasheet(HTML) 3 Page - Weitron Technology

  MMUN2238 Datasheet HTML 1Page - Weitron Technology MMUN2238 Datasheet HTML 2Page - Weitron Technology MMUN2238 Datasheet HTML 3Page - Weitron Technology MMUN2238 Datasheet HTML 4Page - Weitron Technology MMUN2238 Datasheet HTML 5Page - Weitron Technology MMUN2238 Datasheet HTML 6Page - Weitron Technology MMUN2238 Datasheet HTML 7Page - Weitron Technology MMUN2238 Datasheet HTML 8Page - Weitron Technology MMUN2238 Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
WEITRON
http://www.weitron.com.tw
MMUN2211 Series
ELECTRICAL CHARACTERISTICS (TA= 25C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (Note2) (Continued)
Output Voltage (off) (VCC= 5.0 V,VB= 0.5 V ,RL= 1.0 k )
(VCC= 5.0 V, VB= 0.050 V, RL= 1.0 k )
MMUN2230
(VCC= 5.0 V, VB= 0.25 V, RL= 1.0 k )
MMUN2215
MMUN2216
MMUN2233
MMUN2238
VOH
4.9
-
-
Vdc
Input Resistor
MMUN2211
MMUN2212
MMUN2213
MMUN2214
MMUN2215
MMUN2216
MMUN2230
MMUN2231
MMUN2232
MMUN2233
MMUN2234
MMUN2235
MMUN2238
MMUN2241
R1
7.0
15.4
32.9
7.0
7.0
3.3
0.7
1.5
3.3
3.3
15.4
1.54
1.54
70
10
22
47
10
10
4.7
1.0
2.2
4.7
4.7
22
2.2
2.2
100
13
28.6
61.1
13
13
6.1
1.3
2.9
6.1
6.1
28.6
2.86
2.86
100
k
Resistor Ratio
MMUN2211/MMUN2212/MMUN2213
MMUN2214
MMUN2215/MMUN2216/MMUN2238
MMUN2241
MMUN2230/MMUN2231/MMUN2232
MMUN2233
MMUN2234
MMUN2235
R1/R 2
0.8
0.17
-
-
0.8
0.055
0.38
0.038
1.0
0.21
-
-
1.0
0.1
0.47
0.047
1.2
0.25
-
-
1.2
0.185
0.56
0.056
2. Pulse Test: Pulse Width < 300 ms, Duty Cycle < 2.0%
TYPICAL ELECTRICAL CHARACTERISTICS
MMUN2211
Figure 1. Derating Curve
250
200
150
100
50
0
-50
0
50
100
150
TA , AMBIENT TEMPERATURE (5 )
Figure 2. VCE(sat) vs. I C
RqJA= 625℃
/W
1
0.1
0.01
0.001
0
20
40
60
80
IC, COLLECTOR CURRENT (mA)
IC/IB = 10
TA = -25
75
25
W
W
W
W


Similar Part No. - MMUN2238

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMUN2238 WEITRON-MMUN2238 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
Jiangsu High diode Semi...
MMUN2238 HDSEMI-MMUN2238 Datasheet
2Mb / 11P
   SOT-23 Plastic-Encapsulate Bias Resistor Transistor
logo
ON Semiconductor
MMUN2238L ONSEMI-MMUN2238L Datasheet
111Kb / 7P
   Digital Transistors (BRT) R1 = 2.2 k, R2 =  k
August, 2012 ??Rev. 0
MMUN2238L ONSEMI-MMUN2238L Datasheet
148Kb / 12P
   Digital Transistors (BRT) R1 = 2.2 k, R2 =  k
February, 2013 ??Rev. 1
MMUN2238L ONSEMI-MMUN2238L Datasheet
139Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 2
More results

Similar Description - MMUN2238

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com