Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMUN2238 Datasheet(PDF) 1 Page - Weitron Technology

Part # MMUN2238
Description  Bias Resistor Transistor NPN Silicon
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMUN2238 Datasheet(HTML) 1 Page - Weitron Technology

  MMUN2238 Datasheet HTML 1Page - Weitron Technology MMUN2238 Datasheet HTML 2Page - Weitron Technology MMUN2238 Datasheet HTML 3Page - Weitron Technology MMUN2238 Datasheet HTML 4Page - Weitron Technology MMUN2238 Datasheet HTML 5Page - Weitron Technology MMUN2238 Datasheet HTML 6Page - Weitron Technology MMUN2238 Datasheet HTML 7Page - Weitron Technology MMUN2238 Datasheet HTML 8Page - Weitron Technology MMUN2238 Datasheet HTML 9Page - Weitron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
http://www.weitron.com.tw
WEITRON
MMUN2211 Series
Bias Resistor Transistor
NPN Silicon
R1
R2
SOT-23
1
2
3
1.6
θ
625
-65 to +150
Device Marking and Resistor Values
MMUN2211
MMUN2232
MMUN2233
MMUN2234
MMUN2235
MMUN2238
MMUN2241
A8A
A8J
4.7
4.7
47
47
47
4.7
22
2.2
2.2
100
A8K
A8L
A8M
A8R
A8U
10
MMUN2212
MMUN2213
MMUN2230
MMUN2231
MMUN2214
MMUN2215
MMUN2216
THERMAL CHARACTERISTICS
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Characteristics
Symbol
Value
Unit
1. FR-4 @ minimun pad
Collector-Emitter Voltage
Collector-Base Voltage
Collector Current-Continuous
VCEO
VCBO
I
50
Vdc
50
Vdc
100
mAdc
PD
JA
R
TJ,Tstg
246
mW
mW / ℃
/W
EMITTER
BASE
COLLECTOR
2
1
3
Total Device Dissipation FR-5 Board (1)
Thermal Resistance, Junction to Ambient (1)
Junction and Storage,Temperature
Derate above
T = 25℃
25℃
A
A8B
A8C
A8D
A8E
A8F
A8G
A8H
22
47
10
10
4.7
1.0
2.2
10
22
47
47
1.0
2.2
C
Device
Marking
R1(k)
R2(k)
Device
Marking
R1(k)
R2(k)
Lead(Pb)-Free
P b
1/10
Rev.A 30-Dec-05


Similar Part No. - MMUN2238

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMUN2238 WEITRON-MMUN2238 Datasheet
470Kb / 10P
   Bias Resistor Transistor
logo
Jiangsu High diode Semi...
MMUN2238 HDSEMI-MMUN2238 Datasheet
2Mb / 11P
   SOT-23 Plastic-Encapsulate Bias Resistor Transistor
logo
ON Semiconductor
MMUN2238L ONSEMI-MMUN2238L Datasheet
111Kb / 7P
   Digital Transistors (BRT) R1 = 2.2 k, R2 =  k
August, 2012 ??Rev. 0
MMUN2238L ONSEMI-MMUN2238L Datasheet
148Kb / 12P
   Digital Transistors (BRT) R1 = 2.2 k, R2 =  k
February, 2013 ??Rev. 1
MMUN2238L ONSEMI-MMUN2238L Datasheet
139Kb / 12P
   Digital Transistors (BRT)
October, 2016 ??Rev. 2
More results

Similar Description - MMUN2238

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
DTC114E ONSEMI-DTC114E Datasheet
151Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
May, 2000 ??Rev. 0
logo
Weitron Technology
DTC114EE WEITRON-DTC114EE_08 Datasheet
438Kb / 13P
   Bias Resistor Transistor NPN Silicon
DTC114EM WEITRON-DTC114EM Datasheet
292Kb / 10P
   Bias Resistor Transistor NPN Silicon
logo
Guangdong Kexin Industr...
KMUN2214 KEXIN-KMUN2214 Datasheet
214Kb / 2P
   NPN Silicon Bias Resistor Transistor
logo
ON Semiconductor
MUN2211T1 ONSEMI-MUN2211T1 Datasheet
150Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
January, 2005 ??Rev. 11
logo
Motorola, Inc
MMUN2211LT1 MOTOROLA-MMUN2211LT1 Datasheet
175Kb / 12P
   NPN SILICON BIAS RESISTOR TRANSISTOR
logo
Weitron Technology
MUN2211 WEITRON-MUN2211 Datasheet
388Kb / 10P
   NPN Silicon Bias Resistor Transistor
MUN5211 WEITRON-MUN5211 Datasheet
437Kb / 9P
   NPN Silicon Bias Resistor Transistor
MUN2211 WEITRON-MUN2211_09 Datasheet
1Mb / 10P
   NPN Silicon Bias Resistor Transistor
logo
Guangdong Kexin Industr...
KMUN2231T1 KEXIN-KMUN2231T1 Datasheet
122Kb / 1P
   NPN Silicon Bias Resistor Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com