Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPSA55 Datasheet(PDF) 1 Page - Weitron Technology

Part # MPSA55
Description  Driver PNP Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MPSA55 Datasheet(HTML) 1 Page - Weitron Technology

  MPSA55 Datasheet HTML 1Page - Weitron Technology MPSA55 Datasheet HTML 2Page - Weitron Technology MPSA55 Datasheet HTML 3Page - Weitron Technology MPSA55 Datasheet HTML 4Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ABSOLUTE MAXIMUM RATINGS
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Base VOltage
Collector Current
Symbol
VCEO
VCBO
VEBO
IC
MPSA56
MPSA55
Unit
Vdc
Vdc
Vdc
mAdc
Rating
MPSA55
MPSA56
Tstg
PD
C
C
WEITRON
http://www.weitron.com.tw
Driver PNP Transistors
(Ta=25 C)
-60
-4.0
-500
-60
Total Device Dissipation T =25 C
0.625
W
Junction Temperature
T j
150
Storage,Temperature
-55 to +150
A
TO-92
1
2
3
1. EMITTER
2. BASE
3. COLLECTOR
Characteristics
Symbol
Min
Max
Unit
ELECTRICAL CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC= -1.0 mAdc, IB=0)
Collector-Base Breakdown Voltage (IC= -100 uAdc, IE=0)
Emitter-Base Breakdown Voltage (IE= -100 uAdc, IC=0)
Collector Cutoff Current
Collector Cutoff Current
Emitter Cutoff Current (VEB= -3.0V c, I =0)
V(BR)CEO
V(BR)CBO
V(BR)EBO
ICE0
ICBO
IEBO
-4.0
-
-
-
-
-
-
-0.1
Vdc
Vdc
Vdc
uAdc
uAdc
uAdc
-60
-80
-60
-80
-0.1
-0.1
d
C
-80
-80
MPSA55
MPSA56
MPSA55
MPSA56
MPSA55
MPSA56
(VCE= 50 Vdc, I =0)
(VCE= 60 Vdc, I =0)
B
B
MPSA55
MPSA56
(VCE= -60 Vdc, I =0)
(VCE= -80 Vdc, I =0)
B
B


Similar Part No. - MPSA55

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA55 MOTOROLA-MPSA55 Datasheet
239Kb / 6P
   Amplifier Transistors
logo
KEC(Korea Electronics)
MPSA55 KEC-MPSA55 Datasheet
32Kb / 1P
   EPITAXIAL PLANAR PNP TRANSISTOR
logo
Silicon Supplies
MPSA55 SS-MPSA55 Datasheet
1Mb / 4P
   PNP Transistor Bare Die
logo
ON Semiconductor
MPSA55 ONSEMI-MPSA55 Datasheet
111Kb / 8P
   Amplifier Transistors
October, 2001 ??Rev. 1
logo
Micro Commercial Compon...
MPSA55 MCC-MPSA55 Datasheet
218Kb / 2P
   PNP Silicon Amplifier Transistor
More results

Similar Description - MPSA55

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBTA55 WEITRON-MMBTA55 Datasheet
242Kb / 4P
   Driver PNP Transistors
logo
ON Semiconductor
MMBTA55LT1 ONSEMI-MMBTA55LT1 Datasheet
58Kb / 4P
   Driver Transistors(PNP Silicon)
March, 2004 ??Rev. 3
logo
Shanghai Leiditech Elec...
LMBTA55LT1G LEIDITECH-LMBTA55LT1G Datasheet
305Kb / 3P
   Driver Transistors PNP Silicon
logo
ON Semiconductor
MMBTA55LT1G ONSEMI-MMBTA55LT1G_10 Datasheet
108Kb / 5P
   Driver Transistors PNP Silicon
October, 2010 ??Rev. 6
logo
Leshan Radio Company
MMBTA55LT1 LRC-MMBTA55LT1 Datasheet
51Kb / 2P
   Driver Transistors(PNP Silicon)
LMBTA55LT1G LRC-LMBTA55LT1G Datasheet
90Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
LMBTA56WT1G LRC-LMBTA56WT1G Datasheet
131Kb / 3P
   Driver Transistors PNP Silicon RoHS requirements.
logo
ON Semiconductor
MMBT1010LT1 ONSEMI-MMBT1010LT1 Datasheet
84Kb / 4P
   PNP GENERAL PURPOSE DRIVER TRANSISTORS SURFACE MOUNT
REV 2
logo
Motorola, Inc
MMBT1010LT1 MOTOROLA-MMBT1010LT1 Datasheet
112Kb / 4P
   PNP GENERAL PURPOSE DRIVER TRANSISTORS SURFACE MOUNT
logo
Leshan Radio Company
LMBTA06UT1G LRC-LMBTA06UT1G Datasheet
143Kb / 3P
   Dual Driver Transistors NPN/PNP Duals RoHS requirements.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com