Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5224B Datasheet(PDF) 4 Page - Weitron Technology

Part # MMSZ5224B
Description  Surface Mount Zener Diodes
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMSZ5224B Datasheet(HTML) 4 Page - Weitron Technology

  MMSZ5224B Datasheet HTML 1Page - Weitron Technology MMSZ5224B Datasheet HTML 2Page - Weitron Technology MMSZ5224B Datasheet HTML 3Page - Weitron Technology MMSZ5224B Datasheet HTML 4Page - Weitron Technology MMSZ5224B Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MMSZ5221B Series
WEITRON
http://www.weitron.com.tw
V Z, NOMINAL ZE NE R VOLTAG E (V)
- 3
- 2
-1
0
1
2
3
4
5
6
7
8
12
11
10
9
8
7
6
5
4
3
2
F igure 1. T emperature C oefficients
(Temperature R ange - 55 C to +150 C )
T Y P IC AL T C VALUE S
F OR MMS Z5221B T 1 S E R IE S
V Z @ IZT
100
10
1
10
100
VZ, NOMINAL ZE NE R VOLTAG E (V)
F igure 2. Temperature C oefficients
(Temperature R ange - 55 C to +150 C )
V Z @ IZT
1.2
1.0
0.8
0.6
0.4
0.2
0
150
125
100
75
50
25
0
T, T E MP E R AT UR E ( C )
F igure 3. S teady S tate P ower Derating
P D versus TA
P D versus TL
0.1
P W, P ULS E WIDT H (ms)
F igure 4. Maximum Nonrepetitive S urge P ower
1
10
100
1000
1000
100
10
1
R E C TANG ULAR
WAV E F OR M, TA = 25 C
100
VZ, NOMINAL ZE NE R VOLTAG E
F igure 5. E ffect of Zener Voltage on
Zener Impedance
10
1
1000
100
10
1
T J = 25 C
IZ(AC) = 0.1 IZ(DC)
f = 1 kHz
IZ = 1 mA
5 mA
20 mA
VF, FOR WAR D VOLTAG E (V)
F igure 6. Typical F orward Voltage
1.2
1.1
1.0
0.9
0.8
0.7
0.6
0.5
0.4
1000
100
10
1
75 V (MMS Z5267B T 1)
91 V (MMS Z5270B T 1)
150 C
75 C 25 C
0 C
T Y P IC AL T C VALUE S
F OR MMS Z5221B T 1 S E R IE S
TYPICAL CHARACTERISTICS


Similar Part No. - MMSZ5224B

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
MMSZ5224B KEXIN-MMSZ5224B Datasheet
47Kb / 2P
   Surface Mount Zener Diodes
logo
Shanghai Leiditech Elec...
MMSZ5224B LEIDITECH-MMSZ5224B Datasheet
266Kb / 2P
   Surface Mount zener diodes
logo
SynSemi, Inc.
MMSZ5224B SYNSEMI-MMSZ5224B Datasheet
165Kb / 2P
   ZENER DIODES
logo
Taiwan Semiconductor Co...
MMSZ5224B TSC-MMSZ5224B Datasheet
124Kb / 3P
   500mW, 5% Tolerance SMD Zener Diode
logo
Pan Jit International I...
MMSZ5224B PANJIT-MMSZ5224B Datasheet
107Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
More results

Similar Description - MMSZ5224B

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CZRW5221 COMCHIP-CZRW5221 Datasheet
77Kb / 4P
   Surface Mount Zener Diodes
CZRL47 COMCHIP-CZRL47 Datasheet
62Kb / 3P
   Surface Mount Zener Diodes
CZRB5926 COMCHIP-CZRB5926 Datasheet
73Kb / 3P
   Surface Mount Zener Diodes
logo
Formosa MS
MM3Z FORMOSA-MM3Z Datasheet
543Kb / 5P
   Surface Mount Zener Diodes
logo
Pan Jit International I...
BZM55-C2V4 PANJIT-BZM55-C2V4 Datasheet
75Kb / 3P
   SURFACE MOUNT ZENER DIODES
GLZ2.0 PANJIT-GLZ2.0 Datasheet
111Kb / 4P
   SURFACE MOUNT ZENER DIODES
GLZJ2.0 PANJIT-GLZJ2.0 Datasheet
151Kb / 5P
   SURFACE MOUNT ZENER DIODES
GMZJ2.0 PANJIT-GMZJ2.0 Datasheet
159Kb / 5P
   SURFACE MOUNT ZENER DIODES
logo
Weitron Technology
BZT52C2V4 WEITRON-BZT52C2V4 Datasheet
106Kb / 3P
   Surface Mount Zener Diodes
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
ZMM55C WEITRON-ZMM55C Datasheet
332Kb / 4P
   Surface Mount Zener Diodes
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com