Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

275X224R103B1A1 Datasheet(PDF) 2 Page - CTS Corporation

Part # 275X224R103B1A1
Description  Commercial Miniature 5/8 (16mm) Diameter Composition Variable Resistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

275X224R103B1A1 Datasheet(HTML) 2 Page - CTS Corporation

  275X224R103B1A1 Datasheet HTML 1Page - CTS Corporation 275X224R103B1A1 Datasheet HTML 2Page - CTS Corporation 275X224R103B1A1 Datasheet HTML 3Page - CTS Corporation 275X224R103B1A1 Datasheet HTML 4Page - CTS Corporation 275X224R103B1A1 Datasheet HTML 5Page - CTS Corporation 275X224R103B1A1 Datasheet HTML 6Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Electrical and Mechanical Specifications (continued)
All Other Mounts
Standard: Twist tab (designated by “1”)
Special:
Bend tab — 2 or 3 ears
Bracket mounted
Suggested Panel for Twist Tab
.042" thick (1.07mm)
Locating Lugs (Bushing Mount)
Standard: .312" (7.9mm) radius from center of control.
Special:
.375" (9.53mm) radius from center of control.
Standard Position: Left side supplied unless otherwise
specified.
Other Positions:
Available with lug right side,
without lugs, or with lugs both
left and right sides.
Water Seal Construction
Controls are also available to prevent water
from entering the control through either the
O.D. of shaft and/or the bushing.
Shaft and Bushing Information
Bushing Lengths Available
Standard: .187" or .250" (4.75mm or 6.35mm)
Special:
.125" increments (3.2mm increments)
Thread Size
Standard: 1/4" – 32
3/8" – 32
M7 x .75
M8 x .75P
Special:
As required
Molded Shafts Available
(Shown with preferred diameter bushing)
Bushing Mounted or Ear Mounted
Metal Shafts Available
(Shown with preferred diameter bushing)
Single or Dual Units
Concentric Tandem Units
Available in two combinations:
A – .125" (3.2mm) diameter rear shaft
.250" (6.35mm) panel shaft
(3/8 – 32 or M9X.75)
B – .156" (4.0mm) diameter rear shaft
.236" (6.0mm) diameter panel shaft
(3/8 – 32 or M8X.75)
Most metal shaft diameters can be used with
twist tab mountings. With bracket mount,
only .187 diameter shafts are used, with turn-down
available to obtain smaller diameters.
Metal
Lengths: Minimum .125" (3.2mm) beyond bushing;
special lengths as required.
Trims:
Plain round screwdriver slotted, flatted,
knurled. Other trims available
upon request.
Molded
Flatted and knurled with screwdriver slot available
in many lengths and diameters.
Terminal Information
Standard: T Solder lug formed 90° to the rear.
Special:
(See below)
T:
Solder lug perpendicular to shaft.
T:
Solder lug formed 60° to the rear.
U:
PC terminals formed 90° forward toward
mounting surface. Terminals extend .187"
(4.7mm) beyond mounting surface.
V:
PC terminals formed 90° to the rear, away
from panel mounting. Terminals extend .520"
(13.2mm) from mounting surface.
W: Wire wrap terminals — .156" (4.0mm) terminal
extension beyond base, formed 60° to the rear.
BX: PC terminals standard .438" (11.1mm) from
center line of control to PC board; straight
terminals extend .156" (4.0mm) into PC board.
X:
PC terminals standard .505" (12.8mm) from
center line of control to PC board, with .136"
(3.4mm) straight terminal extension beyond
PC board standoff.
Y:
PC terminals standard .602" (15.3mm) from
centerline of control to PC board, with .140"
(3.5mm) straight terminal extension beyond
PC board standoff.
(continued on next page)
SHAFT DIAMETER
BUSHING DIAMETER
INCH
MM
INCH
MM
.156
4.0
1/4" – 32
M7X.75
.187
4.7
M7X.75
.236
6.0
3/8" – 32
M8X.75
.250
6.35
3/8" – 32
M9X.75
SHAFT DIAMETER
BUSHING DIAMETER
INCH
MM
INCH
MM
.125
3.2
1/4" – 32
M7X.75
.156
4.0
1/4" – 32
M7X.75
.187
4.7
3/8" – 32
M7X.75
.236
6.0
3/8" – 32
M8X.75
.250
6.35
3/8" – 32
M9X.75


Similar Part No. - 275X224R103B1A1

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
275X HAMMOND-275X Datasheet
498Kb / 3P
   High Voltage (Plate) & Filament - 32 VA to 454 VA
More results

Similar Description - 275X224R103B1A1

ManufacturerPart #DatasheetDescription
logo
CTS Corporation
280 CTS-280 Datasheet
690Kb / 4P
   Commercial Miniature 16mm Diameter Composition Variable Resistors
250 CTS-250 Datasheet
1Mb / 4P
   Commercial Composition 9mm Diameter Variable Resistors
296 CTS-296 Datasheet
420Kb / 2P
   Commercial 12mm Diameter Composition Variable Resistors
295 CTS-295 Datasheet
581Kb / 2P
   Commercial 24mm Diameter Composition Element Long Life Variable Resistor
270T220R103B1A1 CTS-270T220R103B1A1 Datasheet
234Kb / 9P
   Industrial 16mm Diameter Carbon Composition Ratary Potentiometer
450T220R103B1A1 CTS-450T220R103B1A1 Datasheet
2Mb / 9P
   Industrial 15/16 inch (24mm) Diameter 1/2 Watt Composition Variable Resistors
288TB24F402A1 CTS-288TB24F402A1 Datasheet
317Kb / 4P
   Commercial Miniature 16mm Size Rotary Encoder
296XB252B2N CTS-296XB252B2N Datasheet
395Kb / 2P
   Commercial 12mm Diameter Carbon Composition Rotary Potentiometer
251 CTS-251 Datasheet
68Kb / 2P
   Long life, 9mm diameter, composition element, variable resistor
logo
Tyco Electronics
4-1625876-8 MACOM-4-1625876-8 Datasheet
69Kb / 1P
   Carbon Composition Resistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com