Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N74F30D Datasheet(PDF) 7 Page - NXP Semiconductors

Part # N74F30D
Description  8-input NAND gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

N74F30D Datasheet(HTML) 7 Page - NXP Semiconductors

  N74F30D Datasheet HTML 1Page - NXP Semiconductors N74F30D Datasheet HTML 2Page - NXP Semiconductors N74F30D Datasheet HTML 3Page - NXP Semiconductors N74F30D Datasheet HTML 4Page - NXP Semiconductors N74F30D Datasheet HTML 5Page - NXP Semiconductors N74F30D Datasheet HTML 6Page - NXP Semiconductors N74F30D Datasheet HTML 7Page - NXP Semiconductors N74F30D Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Philips Semiconductors
Product specification
74F30
8-input NAND gate
1989 Mar 03
7
SO14:
plastic small outline package; 14 leads; body width 3.9 mm
SOT108-1


Similar Part No. - N74F30D

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
N74F30244D PHILIPS-N74F30244D Datasheet
81Kb / 10P
   Octal 30ohm line driver with enable, non-inverting open collector
1999 Jan 08
N74F30244N PHILIPS-N74F30244N Datasheet
81Kb / 10P
   Octal 30ohm line driver with enable, non-inverting open collector
1999 Jan 08
N74F3037D PHILIPS-N74F3037D Datasheet
71Kb / 8P
   Quad 2-input NAND 30ohm driver
1990 Feb 09
N74F3037N PHILIPS-N74F3037N Datasheet
71Kb / 8P
   Quad 2-input NAND 30ohm driver
1990 Feb 09
N74F3038D PHILIPS-N74F3038D Datasheet
72Kb / 8P
   Quad 2-input NAND 30 ohm line driver open collector
1998 May 21
More results

Similar Description - N74F30D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HCT30 STMICROELECTRONICS-M54HCT30 Datasheet
233Kb / 9P
   8 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74AS30 FAIRCHILD-DM74AS30 Datasheet
45Kb / 4P
   8 Input NAND Gate
logo
Hitachi Semiconductor
HD74HC30 HITACHI-HD74HC30 Datasheet
45Kb / 8P
   8-input NAND Gate
logo
National Semiconductor ...
54LS30 NSC-54LS30 Datasheet
120Kb / 6P
   8-Input NAND Gate
logo
STMicroelectronics
M54HC30 STMICROELECTRONICS-M54HC30 Datasheet
234Kb / 9P
   8 INPUT NAND GATE
logo
Fairchild Semiconductor
DM74ALS30A FAIRCHILD-DM74ALS30A Datasheet
59Kb / 5P
   8-Input NAND Gate
logo
Integral Corp.
IN74HC30A INTEGRAL-IN74HC30A Datasheet
244Kb / 5P
   8-Input NAND Gate
logo
National Semiconductor ...
MM74HC30 NSC-MM74HC30 Datasheet
100Kb / 4P
   8-Input NAND Gate
logo
Hitachi Semiconductor
HD14068B HITACHI-HD14068B Datasheet
67Kb / 7P
   8-input NAND Gate
logo
KODENSHI_AUK CORP.
KK74HC30A KODENSHI-KK74HC30A Datasheet
260Kb / 5P
   8-Input NAND Gate
logo
STMicroelectronics
M74HCT30 STMICROELECTRONICS-M74HCT30 Datasheet
138Kb / 8P
   8-INPUT NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com