Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

406I24B10.000 Datasheet(PDF) 4 Page - CTS Corporation

Part # 406I24B10.000
Description  3.5 x 6.0 mm Ceramic - SM Crystal
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

406I24B10.000 Datasheet(HTML) 4 Page - CTS Corporation

  406I24B10.000 Datasheet HTML 1Page - CTS Corporation 406I24B10.000 Datasheet HTML 2Page - CTS Corporation 406I24B10.000 Datasheet HTML 3Page - CTS Corporation 406I24B10.000 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Model 406
3.5 x 6.0 mm
Ceramic - SM Crystal
♦ ♦ ♦ CTS Communications Components, Inc. ♦ 171 Covington Drive Bloomingdale, IL 60108 630-924-3500 ♦ ♦ ♦
Document No. 008-0260-0
Page 4 of 4
Revision B
Date: Nov. 21, 2003
ENVIRONMENTAL SPECIFICATIONS:
Storage Temperature
-55°C to +125°C in a non-operating condition & no degradation of
performance following such exposure
Temperature Cycle:
400 cycles, -55°C to +125°C, 10 min dwell, 1 min transfer
Mechanical Shock:
1,500g’s, 0.5mS, ½ sine wave, 3 shocks each direction, in 3 planes
Sinusoidal Vibration:
0.06” D.A., 10 to 55 Hz and 20g’s, 55 to 2,000 Hz, 3 cycles per plane
Gross Leak:
No leak shall appear while immersed in an FC40 or equivalent liquid
at 125°C for 20 seconds
Fine Leak:
Mass spectrometer leak rates less than 2x10
-8 atm. cc/sec of Helium
Resistance to Soldering Heat:
Product must survive 3 reflows of 260°C peak, 10 seconds maximum
High Temperature Operating Bias:
2,000 hours at 125°C, disregarding frequency shift
Frequency Aging:
≦ 5 ppm shift in 1,000 hours at 85°C
Insulation Resistance
500 MΩ @ 100 ±15VDC
TAPE AND REEL PACKAGING INFORMATION:
Standard packaging quantity shall be 1,000 pieces on a 180mm reel compliant with Standard EIA-481-2
Dimensions in Millimeters
DIRECTION OF FEED
8.0
4.0
Ø1.50
Ø180
Ø60
120°
Ø13.5
Ø21.4
6.40
3.91
1.73
12.0
5.50


Similar Part No. - 406I24B10.000

ManufacturerPart #DatasheetDescription
logo
3M Electronics
406 3M-406 Datasheet
53Kb / 2P
   Detectable Buried Barricade Tapes 400 Series
logo
List of Unclassifed Man...
406 ETC-406 Datasheet
992Kb / 8P
   Low Voltage and Power Applications
January 2016
logo
Marathon Special Produc...
406 MARATHON-406 Datasheet
597Kb / 3P
   Replace “XX” with 01 through 12 for number of poles 11/16 (.688) pitch
logo
WECO ELECTRICAL CONNECT...
406 WECO-406 Datasheet
89Kb / 1P
   Tab connector Lead distributor
01.21
logo
Enercon Technologies Eu...
406 ENERCON-406 Datasheet
687Kb / 2P
   Miniature Portable Communication Grid for Dismounted Soldier
Jan 25, 2020
More results

Similar Description - 406I24B10.000

ManufacturerPart #DatasheetDescription
logo
TAITIEN ELECTRONICS CO....
AT-0012-XR TAITIEN-AT-0012-XR Datasheet
242Kb / 1P
   6.0 x 3.5 mm SMD Crystal
logo
Transko Electronics, In...
CS63A TRANSKO-CS63A Datasheet
237Kb / 1P
   CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.0mm)
Rev. 5: 10-10-19
CS63B TRANSKO-CS63B Datasheet
239Kb / 1P
   CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.1mm)
Rev. 4: 10-10-19
CS63C TRANSKO-CS63C Datasheet
255Kb / 1P
   CERAMIC SMD CRYSTAL (6.0 x 3.5 x 1.4mm)
Rev 5: 10/18/2022
logo
MTRONPTI
PR1DD MTRONPTI-PR1DD Datasheet
291Kb / 2P
   3.5 x 6.0 x 1.0 mm Surface Mount Crystals
PP MTRONPTI-PP_08 Datasheet
403Kb / 2P
   Surface Mount Crystals 3.5 x 6.0 x 1.2 mm
logo
ILSI America LLC
ILCX09-BB0F18-20.000 ILSI-ILCX09-BB0F18-20.000 Datasheet
53Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX08 ILSI-ILCX08 Datasheet
53Kb / 2P
   4 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
ILCX09 ILSI-ILCX09 Datasheet
56Kb / 2P
   2 Pad Ceramic Package Quartz Crystal, 3.5 mm x 6 mm
logo
C&K Components
PTS636 CK-COMPONENTS-PTS636 Datasheet
477Kb / 6P
   6.0 x 3.5 Top Actuated
14 Nov 22
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com