Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

357WA3I Datasheet(PDF) 1 Page - CTS Corporation

Part # 357WA3I
Description  5x7mm Low Cost Surface Mount VCXO
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

357WA3I Datasheet(HTML) 1 Page - CTS Corporation

  357WA3I Datasheet HTML 1Page - CTS Corporation 357WA3I Datasheet HTML 2Page - CTS Corporation 357WA3I Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
♦ ♦ ♦ CTS Communications Components, Inc. ♦ 171 Covington Drive Bloomingdale, IL 60108 630-924-3500 ♦ ♦ ♦
Document No. 008-0244-0
Page 1 of 3
Rev F (redline) ECO #
Model 357
5x7mm Low Cost
Surface Mount VCXO
ELECTRICAL CHARACTERISTICS
PARAMETER
SYMBOL
MIN
TYPICAL
MAX
UNIT
Output Frequency Range
Model 357S, 357W
Model 357L, 357V
fO
1.5
1.5
-
-
80
80
MHz
MHz
Frequency Stability (Note 1)
(See Ordering Information)
-
-
-
20, 25, 50
± ppm
Absolute Pull Range (Note 2)
(See Ordering Information)
-
32, 50, 80, 100
-
-
± ppm
Supply Voltage
Model 357S, 357W
Model 357L, 357V
VCC
4.5
2.97
5.0
3.3
5.5
3.63
V
V
Operating Supply Current
CL = 15pf
Model 357S, 357W
Model 357L, 357V
ICC
-
-
-
-
40
50
mA
mA
Output load
CL
-
-
15
pf
Control Voltage
Model 357S, 357W
Model 357L, 357V
VC
0.5
0.3
2.5
1.65
4.5
3.0
V
V
Output Voltage Levels
Logic '1' Level
IOH = 14 mA
VOH
0.9 * Vcc
-
-
V
Logic '0' Level
IOL = -14 mA
VOL
-
-
0.1 * Vcc
V
Output Transition Times (10% to 90%)
Rise & Fall Time
CL = 15pf
TR, TF
-
-
5.0
ns
Output Duty Cycle (@ 50% Level)
SYM
45
-
55
%
Start Up Time
-
-
-
10.0
ms
Phase Jitter (Bandwidth 12K – 20M Hz)
-
-
< 1
-
ps RMS
Linearity
< 52 MHz
> 52 MHz
L
-
-
-
-
10
15
%
Transfer Function
-
-
Positive
-
-
Input Impedance
ZC
50
-
-
K Ohms
Modulation Roll-off (@ -3dB)
-
10
-
-
KHz
Tri-state – Oscillator Run
Enable Input Voltage
Disable Input Voltage
Enable/ Disable Time
VIH
VIL
tPLZ
2.5
-
-
-
-
-
-
0.5
100
V
V
ns
Notes
1.
Inclusive of initial tolerance at the time of shipment, changes in supply voltage, load and operating
temperature.
2.
Minimum guaranteed frequency shift from fo over variations in temperature, aging, power supply and load at
an average operating temperature of +40°C for 10 years.
♦ Frequency Stability to ±20 PPM
♦+3.3Vdc or +5.0Vdc Operation
♦HCMOS Output
♦Operating Temperature to –40°C to +85°C
♦Output Enable Standard
♦Tape & Reel Packaging
♦Pb Free


Similar Part No. - 357WA3I

ManufacturerPart #DatasheetDescription
logo
3M Electronics
357 3M-357 Datasheet
902Kb / 3P
   3M??Power Clamp Branch Connector
logo
Vishay Siliconix
357 VISHAY-357 Datasheet
126Kb / 3P
   7/8" diameter single turn
Revision: 17-Apr-13
logo
Energizer
357 ENERGIZER-357 Datasheet
73Kb / 1P
   Silver Oxide Batteries
logo
Vishay Siliconix
357 VISHAY-357 Datasheet
99Kb / 4P
   (22.2 mm) Conductive Plastic Potentiometer, Bushing Mount Type
01-Jan-2022
logo
EDAC, All Rights Reserv...
357 EDAC-357 Datasheet
270Kb / 3P
   Card Edge Connectors 0.156” (3.96mm) Pitch
More results

Similar Description - 357WA3I

ManufacturerPart #DatasheetDescription
logo
Wolfgang Knap
VAA-WK WK-VAA-WK Datasheet
39Kb / 1P
   5x7mm SMT VCXO
logo
Connor-Winfield Corpora...
T533D5 CONNOR-WINFIELD-T533D5 Datasheet
218Kb / 2P
   3.3V 5X7mm SURFACE MOUNT TCXO
D75AS-020.0M CONNOR-WINFIELD-D75AS-020.0M Datasheet
119Kb / 2P
   5x7mm Surface Mount High Precision TCXO
D75F-013.0M CONNOR-WINFIELD-D75F-013.0M Datasheet
117Kb / 2P
   5x7mm Surface Mount High Precision TCXO
logo
Integrated Circuit Syst...
MK3715 ICST-MK3715 Datasheet
120Kb / 6P
   LOW COST 3.3 VOLT VCXO
MK2754 ICST-MK2754 Datasheet
57Kb / 4P
   Low Cost 54 MHz VCXO
MK3713 ICST-MK3713 Datasheet
56Kb / 4P
   Low Cost 3.3 Volt VCXO
MK3721 ICST-MK3721 Datasheet
58Kb / 4P
   Low Cost 3.3 Volt VCXO
MK3723 ICST-MK3723 Datasheet
59Kb / 4P
   Low Cost 3.3 Volt VCXO
MK2727 ICST-MK2727 Datasheet
55Kb / 4P
   Low Cost 27 MHz VCXO
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com