Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX4885ETJ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX4885ETJ
Description  Complete VGA 1:2 or 2:1 Multiplexer
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4885ETJ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX4885ETJ Datasheet HTML 1Page - Maxim Integrated Products MAX4885ETJ Datasheet HTML 2Page - Maxim Integrated Products MAX4885ETJ Datasheet HTML 3Page - Maxim Integrated Products MAX4885ETJ Datasheet HTML 4Page - Maxim Integrated Products MAX4885ETJ Datasheet HTML 5Page - Maxim Integrated Products MAX4885ETJ Datasheet HTML 6Page - Maxim Integrated Products MAX4885ETJ Datasheet HTML 7Page - Maxim Integrated Products MAX4885ETJ Datasheet HTML 8Page - Maxim Integrated Products MAX4885ETJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Complete VGA 1:2 or 2:1 Multiplexer
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(All voltages referenced to GND.)
V+, VCL .....................................................................-0.3V to +6V
R_, G_, B_, DDCA_, DDCB_, SEL, M,
EN, QP (Note 1) ...........................................-0.3V to V+ + 0.3V
H_, V_ .......................................................................-0.3V to +6V
Continuous Current Through RGB Switches ....................±70mA
Continuous Current Through HV, DDC Switches…..........±50mA
Peak Current Through RGB Switches
(pulsed at 1ms, 10% duty cycle).................................±140mA
Peak Current Through HV, DDC Switches (pulsed at 1ms,
10% duty cycle)..............................................................±100mA
Continuous Power Dissipation (TA = +70°C)
32-Pin TQFN (derate 21.3mW/°C above +70°C) ........1702mW
Operating Temperature Range ...........................-40°C to +85°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(V+ = +5.0V ±10%, VCL = +3.3V ±10%, TA = TMIN to TMAX, QP = GND, unless otherwise noted. Typical values are at V+ = +5.0V,
VCL = +3.3V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
V+
4.5
5.5
V
Clamp Voltage Range
VCL
2.7
V+
V
QP = GND
0.3
0.5
mA
V+ Quiescent Supply Current
I+
V+ = +5.5V
QP = V+
1
µA
VCL Quiescent Supply Current
ICL
VCL = V+ = +5.5V
1
µA
V+ Shutdown Current
I+SHDN
V+ = +5.5V, all digital inputs to V+ or GND
5µA
VCL Shutdown Current
ICLSHDN
VCL = V+ = +5.5V, all digital inputs to V+ or
GND
1µA
RGB ANALOG SWITCHES
QP = GND
5
7.5
On-Resistance
RON
0V < VIN < +2.5V,
IIN = -40mA
QP = V+
6
10
On-Resistance Matching
∆RON
0V < VIN < +2.5V, IIN = -40mA
0.5
1.5
On-Resistance Flatness
RFLAT(ON)
0V < VIN < +2.5V, IIN = -40mA
0.02
0.75
Off-Leakage Current
IL(OFF)
R_, G_, B_ = 0V or +5.5V, EN = GND
-1
+1
µA
On-Leakage Current
IL(ON)
R_, G_, B_ = 0V or +5.5V, EN = V+
-1
+1
µA
QP = GND
10
Charge Injection
Q
R_, G_, B_ = 0V,
CL = 1000pF
QP = V+
8
pC
HV MULTIPLEXER
Input-Voltage Low
VILHV
M = GND
0.8
V
Input-Voltage High
VIHHV
M = GND
2.0
V
High-Output Drive Current
IOHHV
VOUT = V+ - 0.5V, M = GND
-16
mA
Low-Output Drive Current
IOLHV
VOUT = +0.5V, M = GND
+16
mA
On-Resistance
RONHV
H_ = V_ = +2.5V, IIN = -40mA, M = V+
15
Charge Injection
Q
H_, V_ = 0V, M = V+, CL = 1000pF
21
pC
Note 1: Signals exceeding V+ or GND are clamped by internal diodes. Limit forward-diode current to maximum current rating.


Similar Part No. - MAX4885ETJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4885E MAXIM-MAX4885E Datasheet
109Kb / 10P
   Ultra-Low Capacitance 1:2 VGA Switch with ±15kV ESD
Rev 0; 10/08
MAX4885EETG++ MAXIM-MAX4885EETG+ Datasheet
109Kb / 10P
   Ultra-Low Capacitance 1:2 VGA Switch with ±15kV ESD
Rev 0; 10/08
MAX4885EEVKIT MAXIM-MAX4885EEVKIT Datasheet
190Kb / 8P
   VGA Connections and Power
Rev 0; 1/09
MAX4885EEVKIT++ MAXIM-MAX4885EEVKIT+ Datasheet
190Kb / 8P
   VGA Connections and Power
Rev 0; 1/09
More results

Similar Description - MAX4885ETJ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUXHS221LV TI1-TMUXHS221LV Datasheet
1Mb / 23P
[Old version datasheet]   TMUXHS221LV USB 2.0 480Mbps 2:1 or 1:2 Multiplexer or Demultiplexer Switch
JULY 2023
logo
ON Semiconductor
MC100LVEL58 ONSEMI-MC100LVEL58 Datasheet
66Kb / 4P
   2:1 Multiplexer
February, 2000 ??Rev. 1
MC10EL58 ONSEMI-MC10EL58 Datasheet
72Kb / 2P
   2:1 Multiplexer
1996 REV 2
logo
Micrel Semiconductor
SY10EL58 MICREL-SY10EL58_05 Datasheet
49Kb / 4P
   2:1 MULTIPLEXER
logo
ON Semiconductor
MC10EP58 ONSEMI-MC10EP58 Datasheet
80Kb / 8P
   2:1 Multiplexer
Sep, 1999 ??Rev. 1.0
logo
Micrel Semiconductor
SY10EL58 MICREL-SY10EL58 Datasheet
47Kb / 4P
   2:1 MULTIPLEXER
logo
ON Semiconductor
NLASB3157 ONSEMI-NLASB3157 Datasheet
70Kb / 10P
   2:1 Multiplexer
April, 2004 ??Rev. 6
logo
Micrel Semiconductor
SY89474U MICREL-SY89474U_10 Datasheet
424Kb / 11P
   Precision LVDS 2:1 Multiplexer with 1:2
SY89473U MICREL-SY89473U_10 Datasheet
528Kb / 11P
   Precision LVPECL 2:1 Multiplexer with 1:2
logo
NXP Semiconductors
CBTL04DP211BS-518 NXP-CBTL04DP211BS-518 Datasheet
256Kb / 18P
   DisplayPort 2 : 1 multiplexer
Rev. 2-13 April 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com