Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP226C Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP226C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP226C Datasheet(HTML) 5 Page - National Semiconductor (TI)

  COP226C Datasheet HTML 1Page - National Semiconductor (TI) COP226C Datasheet HTML 2Page - National Semiconductor (TI) COP226C Datasheet HTML 3Page - National Semiconductor (TI) COP226C Datasheet HTML 4Page - National Semiconductor (TI) COP226C Datasheet HTML 5Page - National Semiconductor (TI) COP226C Datasheet HTML 6Page - National Semiconductor (TI) COP226C Datasheet HTML 7Page - National Semiconductor (TI) COP226C Datasheet HTML 8Page - National Semiconductor (TI) COP226C Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Connection Diagrams
SO Wide and DIP
Top View
TLDD8422 – 2
Order Number COP226C-XXXN
See NS Molded Package Number N20A
Order Number COP226C-XXXD
See NS Hermetic Package Number D20A
Order Number COP226C-XXXWM
See NS Surface Mount Package Number M20B
SO Wide and DIP
Top View
TLDD8422 – 3
Order Number COP225C-XXXN
or COP245C-XXXN
See NS Molded Package Number N24A
Order Number COP225C-XXXD
or COP245C-XXXD
See NS Hermetic Package Number D24C
DIP
Top View
TLDD8422 – 4
Order Number COP224C-XXXN
or COP244C-XXXN
See NS Molded Package Number N28B
Order Number COP224C-XXXD
or COP244C-XXXD
See NS Hermetic Package Number D28C
28 PLCC
TLDD8422 – 13
Order Number COP224C-XXXV
or COP244C-XXXV
See NS PLCC Package Number V28A
FIGURE 2
5


Similar Part No. - COP226C

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
COP-H MSYSTEM-COP-H Datasheet
68Kb / 1P
   BELL202 MODEM
COP-HU MSYSTEM-COP-HU Datasheet
71Kb / 2P
   BELL202 MODEM
COP-IRDA MSYSTEM-COP-IRDA Datasheet
107Kb / 3P
   IrDA COMMUNICATION ADAPTOR
COP-IRDA/C MSYSTEM-COP-IRDA/C Datasheet
107Kb / 3P
   IrDA COMMUNICATION ADAPTOR
COP-IRDA/C MSYSTEM-COP-IRDA/C Datasheet
107Kb / 3P
   IrDA COMMUNICATION ADAPTOR
More results

Similar Description - COP226C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP424C NSC-COP424C Datasheet
339Kb / 24P
   Single-Chip 1k and 2k CMOS Microcontrollers
logo
Zilog, Inc.
Z86C04 ZILOG-Z86C04 Datasheet
207Kb / 34P
   CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
logo
National Semiconductor ...
COPCH942C NSC-COPCH942C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
logo
Zilog, Inc.
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
   CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
logo
Asahi Kasei Microsystem...
AK93C45CT AKM-AK93C45CT Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CL AKM-AK93C45CL Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45C AKM-AK93C45C Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
logo
National Semiconductor ...
COP413C NSC-COP413C Datasheet
223Kb / 16P
   Single-Chip CMOS Microcontrollers
COP410C NSC-COP410C Datasheet
313Kb / 20P
   Single-Chip CMOS Microcontrollers
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com