Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP225C Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP225C
Description  Single-Chip 1k and 2k CMOS Microcontrollers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP225C Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button COP225C Datasheet HTML 7Page - National Semiconductor (TI) COP225C Datasheet HTML 8Page - National Semiconductor (TI) COP225C Datasheet HTML 9Page - National Semiconductor (TI) COP225C Datasheet HTML 10Page - National Semiconductor (TI) COP225C Datasheet HTML 11Page - National Semiconductor (TI) COP225C Datasheet HTML 12Page - National Semiconductor (TI) COP225C Datasheet HTML 13Page - National Semiconductor (TI) COP225C Datasheet HTML 14Page - National Semiconductor (TI) COP225C Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
Instruction Set
Table II is a symbol table providing internal architecture in-
struction operand and operation symbols used in the in-
struction set table
TABLE II Instruction Set Table Symbols
Symbol
Definition
Internal Architecture Symbols
A
4-bit accumulator
B
7-bit RAM address register (6-bit for COP224C)
Br
Upper 3 bits of B (register address)
(2-bit for COP224C)
Bd
Lower 4 bits of B (digit address)
C
1-bit carry register
D
4-bit data output port
EN
4-bit enable register
G
4-bit general purpose IO port
IL
two 1-bit (IN0 and IN3) latches
IN
4-bit input port
L
8-bit TRI-STATE IO port
M
4-bit contents of RAM addressed by B
PC
11-bit ROM address program counter
Q
8-bit latch for L port
SASBSC 11-bit 3-level subroutine stack
SIO
4-bit shift register and counter
SK
Logic-controlled clock output
SKL
1-bit latch for SK output
T
8-bit timer
Instruction Operand Symbols
d
4-bit operand field 0 – 15 binary (RAM digit select)
r
3(2)-bit operand field 0 – 7(3) binary
(RAM register select)
a
11-bit operand field 0 – 2047 (1023)
y
4-bit operand field 0 – 15 (immediate data)
RAM(x) RAM addressed by variable x
ROM(x) ROM addressed by variable x
Operational Symbols
a
Plus
b
Minus
x
Replaces
Is exchanged with
e
Is equal to
A
One’s complement of A
Z
Exclusive-or
Range of values
Table III provides the mnemonic operand machine code
data flow skip conditions and description of each instruc-
tion
TABLE III COP244C245C Instruction Set
Machine
Mnemonic
Operand
Hex
Language
Data Flow
Skip
Description
Code
Code
Conditions
(Binary)
ARITHMETIC INSTRUCTIONS
ASC
30
0011 0000
AaCaRAM(B)
xA
Carry
Add with Carry Skip on
Carry
xC
Carry
ADD
31
0011 0001
AaRAM(B)
xA
None
Add RAM to A
ADT
4A
0100 1010
Aa1010
xA
None
Add Ten to A
AISC
y
5b
0101
y
Aay
xA
Carry
Add Immediate Skip on
Carry (y i 0)
CASC
10
0001 0000
AaRAM(B)aC
xA
Carry
Complement and Add with
Carry
xC
Carry Skip on Carry
CLRA
00
0000 0000
0
xA
None
Clear A
COMP
40
0100 0000
A
xA
None
Ones complement of A to A
NOP
44
0100 0100
None
None
No Operation
RC
32
0011 0010
‘‘0’’
xC
None
Reset C
SC
22
0010 0010
‘‘1’’
xC
None
Set C
XOR
02
0000 0010
A Z RAM(B)
xA
None
Exclusive-OR RAM with A
11


Similar Part No. - COP225C

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
COP-H MSYSTEM-COP-H Datasheet
68Kb / 1P
   BELL202 MODEM
COP-HU MSYSTEM-COP-HU Datasheet
71Kb / 2P
   BELL202 MODEM
COP-IRDA MSYSTEM-COP-IRDA Datasheet
107Kb / 3P
   IrDA COMMUNICATION ADAPTOR
COP-IRDA/C MSYSTEM-COP-IRDA/C Datasheet
107Kb / 3P
   IrDA COMMUNICATION ADAPTOR
COP-IRDA/C MSYSTEM-COP-IRDA/C Datasheet
107Kb / 3P
   IrDA COMMUNICATION ADAPTOR
More results

Similar Description - COP225C

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP424C NSC-COP424C Datasheet
339Kb / 24P
   Single-Chip 1k and 2k CMOS Microcontrollers
logo
Zilog, Inc.
Z86C04 ZILOG-Z86C04 Datasheet
207Kb / 34P
   CMOS 8-BIT LOW-COST 1K/2K-ROM MICROCONTROLLERS
logo
National Semiconductor ...
COPCH942C NSC-COPCH942C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
logo
Zilog, Inc.
Z86C05 ZILOG-Z86C05 Datasheet
877Kb / 29P
   CMOS Z8 8-Bit Low-Cost 1K/2K-ROM Microcontrollers
logo
Asahi Kasei Microsystem...
AK93C45CT AKM-AK93C45CT Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45CL AKM-AK93C45CL Datasheet
154Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
AK93C45C AKM-AK93C45C Datasheet
155Kb / 16P
   1K/2K/4Kbit Serial CMOS EEPROM
logo
National Semiconductor ...
COP413C NSC-COP413C Datasheet
223Kb / 16P
   Single-Chip CMOS Microcontrollers
COP410C NSC-COP410C Datasheet
313Kb / 20P
   Single-Chip CMOS Microcontrollers
logo
Asahi Kasei Microsystem...
AK93C45B AKM-AK93C45B_03 Datasheet
178Kb / 14P
   1K / 2K / 4K / 8Kbit Serial CMOS EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com