Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMMP-5618-TR2 Datasheet(PDF) 7 Page - Agilent(Hewlett-Packard)

Part # AMMP-5618-TR2
Description  6-20 GHz General Purpose Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AMMP-5618-TR2 Datasheet(HTML) 7 Page - Agilent(Hewlett-Packard)

  AMMP-5618-TR2 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AMMP-5618-TR2 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AMMP-5618-TR2 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AMMP-5618-TR2 Datasheet HTML 4Page - Agilent(Hewlett-Packard) AMMP-5618-TR2 Datasheet HTML 5Page - Agilent(Hewlett-Packard) AMMP-5618-TR2 Datasheet HTML 6Page - Agilent(Hewlett-Packard) AMMP-5618-TR2 Datasheet HTML 7Page - Agilent(Hewlett-Packard) AMMP-5618-TR2 Datasheet HTML 8Page - Agilent(Hewlett-Packard) AMMP-5618-TR2 Datasheet HTML 9Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Recommended SMT Attachment
The AMMP Packaged Devices are
compatible with high volume
surface mount PCB assembly
processes.
The PCB material and mounting
pattern, as defined in the data
sheet, optimizes RF performance
and is strongly recommended.
An electronic drawing of the land
pattern is available upon request
from Agilent Sales & Application
Engineering.
Manual Assembly
1. Follow ESD precautions while
handling packages.
2. Handling should be along the
edges with tweezers.
3. Recommended attachment is
conductive solder paste.
Please see recommended
solder reflow profile. Conduc-
tive epoxy is not recom-
mended. Hand soldering is not
recommended.
4. Apply solder paste using a
stencil printer or dot place-
ment. The volume of solder
paste will be dependent on
PCB and component layout
and should be controlled to
ensure consistent mechanical
and electrical performance.
5. Follow solder paste and
vendor’s recommendations
when developing a solder
reflow profile. A standard
profile will have a steady ramp
up from room temperature to
the pre-heat temperature to
avoid damage due to thermal
shock.
6. Packages have been qualified
to withstand a peak tempera-
ture of 260
°C for 20 seconds.
Verify that the profile will not
expose device beyond these
limits.
Dimensional Tolerances: 0.002" [0.05 mm]
12
3
76
5
32
1
56
7
.200 [5.08]
.200 [5.08]
84
.075 [1.91]
.114 [2.9]
.014 [0.365]
.016 [0.40]
.012 [0.30]
.028 [0.70]
.093 [2.36]
.016 [0.40]
.100 [2.54]
.011 [0.28]
.018 [0.46]
.126 [3.2]
.059 [1.5]
.100 [2.54]
.029 [0.75]
4
8
Front View
Side View
Back View
Notes:
1. * Indicates Pin 1
2. Dimensions are in inches [millimeters]
3. All Grounds must be soldered to PCB RF Ground
.093 [2.36]
.010 [0.25]
.011 [0.28]
.126 [3.20]
.059 [1.50] .020 [0.50]
.018 [0.46]
.018 [0.46]
.114 [2.90]
.0095 [0.24]
.012 [0.3]
.016 [0.40]
.0095 [0.24]
.016 [0.40]
Figure 23. Suggested PCB Material and Land Pattern.
Figure 22. Outline Drawing.


Similar Part No. - AMMP-5618-TR2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618-TR2 AVAGO-AMMP-5618-TR2 Datasheet
234Kb / 9P
   6-20 GHz General Purpose Amplifier
AMMP-5618-TR2 AVAGO-AMMP-5618-TR2 Datasheet
397Kb / 7P
   6??0 GHz General Purpose Amplifier
AMMP-5618-TR2 AVAGO-AMMP-5618-TR2 Datasheet
118Kb / 2P
   Refer to Appendix A
logo
Broadcom Corporation.
AMMP-5618-TR2 BOARDCOM-AMMP-5618-TR2 Datasheet
397Kb / 7P
   6??0 GHz General Purpose Amplifier
More results

Similar Description - AMMP-5618-TR2

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AMMP-5618 AVAGO-AMMP-5618 Datasheet
234Kb / 9P
   6-20 GHz General Purpose Amplifier
AMMP-5618 AVAGO-AMMP-5618_13 Datasheet
397Kb / 7P
   6??0 GHz General Purpose Amplifier
AMMP-5618 AVAGO-AMMP-5618_15 Datasheet
397Kb / 7P
   6??0 GHz General Purpose Amplifier
logo
Broadcom Corporation.
AMMP-5618 BOARDCOM-AMMP-5618 Datasheet
397Kb / 7P
   6??0 GHz General Purpose Amplifier
logo
Skyworks Solutions Inc.
SKY65014-214LF SKYWORKS-SKY65014-214LF Datasheet
338Kb / 5P
   InGaP General Purpose Amplifier LF-6 GHz
SKY65015-214LF SKYWORKS-SKY65015-214LF Datasheet
334Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
SKY65013-214LF SKYWORKS-SKY65013-214LF Datasheet
343Kb / 5P
   InGaP General-Purpose Amplifier LF-6 GHz
logo
Agilent(Hewlett-Packard...
AMMC-5618 HP-AMMC-5618 Datasheet
146Kb / 8P
   6 - 20 GHz Amplifier
HMMC-5618 HP-HMMC-5618 Datasheet
82Kb / 6P
   6-20 GHz Amplifier
logo
Broadcom Corporation.
AMMC-5618 BOARDCOM-AMMC-5618 Datasheet
423Kb / 8P
   6 - 20 GHz Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com